Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2012 Datasheet(PDF) 61 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 61 Page - TDK Electronics

Back Button C2012 Datasheet HTML 57Page - TDK Electronics C2012 Datasheet HTML 58Page - TDK Electronics C2012 Datasheet HTML 59Page - TDK Electronics C2012 Datasheet HTML 60Page - TDK Electronics C2012 Datasheet HTML 61Page - TDK Electronics C2012 Datasheet HTML 62Page - TDK Electronics C2012 Datasheet HTML 63Page - TDK Electronics C2012 Datasheet HTML 64Page - TDK Electronics C2012 Datasheet HTML 65Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 63
Capacitance
Range Table
C5750 [EIA CC2220]
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C5750X7R1H475K/2.00
X7R
50V
4,700,000
± 10%
2.00 ± 0.20
C5750X7R1H475M/2.00
X7R
50V
4,700,000
± 20%
2.00 ± 0.20
C5750X7R1H475M/2.80
X7R
50V
4,700,000
± 20%
2.80 ± 0.20
C5750X7R1H685K
X7R
50V
6,800,000
± 10%
2.50 ± 0.30
C5750X7R1H685M
X7R
50V
6,800,000
± 20%
2.50 ± 0.30
C5750X7R1H106K
X7R
50V
10,000,000
± 10%
2.30 ± 0.20
C5750X7R1H106M
X7R
50V
10,000,000
± 20%
2.30 ± 0.20
C5750X7R1E106M
X7R
25V
10,000,000
± 20%
2.00 ± 0.20
C5750X7R1E156M
X7R
25V
15,000,000
± 20%
2.30 ± 0.20
C5750X7R1E226M
X7R
25V
22,000,000
± 20%
2.50 ± 0.30
C5750X7R1C226M
X7R
16V
22,000,000
± 20%
2.80 ± 0.20
C5750X7R1C476M
X7R
16V
47,000,000
± 20%
2.30 ± 0.20
C5750X5R1H106K
X5R
50V
10,000,000
± 10%
2.30 ± 0.20
C5750X5R1H106M
X5R
50V
10,000,000
± 20%
2.30 ± 0.20
C5750X5R1E226M
X5R
25V
22,000,000
± 20%
2.30 ± 0.20
C5750X5R1C336M
X5R
16V
33,000,000
± 20%
2.00 ± 0.20
C5750X5R1C476M
X5R
16V
47,000,000
± 20%
2.30 ± 0.20
C5750X5R1A686M
X5R
10V
68,000,000
± 20%
2.30 ± 0.20
C5750X5R1A107M
X5R
10V
100,000,000
± 20%
2.80 ± 0.20
C5750X5R0J107M
X5R
6.3V
100,000,000
± 20%
2.80 ± 0.20
C5750Y5V1H226Z
Y5V
50V
22,000,000
+80/-20%
2.00 ± 0.20
C5750Y5V1E476Z
Y5V
25V
47,000,000
+80/-20%
2.00 ± 0.20
C5750Y5V1C107Z
Y5V
16V
100,000,000
+80/-20%
2.50 ± 0.30
C5750Y5V1A107Z
Y5V
10V
100,000,000
+80/-20%
2.50 ± 0.30
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%), X5R (-55 to +85ºC, ±15%), Y5V(-30 to +85ºC, +22/-82%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com