Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP2N60 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MTP2N60
Description  TMOS POWER FET 2.0 AMPERES 600 VOLTS RDS(on) = 3.8 OHMS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP2N60 Datasheet(HTML) 3 Page - Motorola, Inc

  MTP2N60 Datasheet HTML 1Page - Motorola, Inc MTP2N60 Datasheet HTML 2Page - Motorola, Inc MTP2N60 Datasheet HTML 3Page - Motorola, Inc MTP2N60 Datasheet HTML 4Page - Motorola, Inc MTP2N60 Datasheet HTML 5Page - Motorola, Inc MTP2N60 Datasheet HTML 6Page - Motorola, Inc MTP2N60 Datasheet HTML 7Page - Motorola, Inc MTP2N60 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MTP2N60E
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. On–Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On–Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
Figure 5. On–Resistance Variation with
Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–To–Source Leakage
Current versus Voltage
TJ = 25°C
VGS = 10 V
15 V
2.9
4.1
3.5
VGS = 0 V
0
200
400
1
100
100
300
600
500
TJ = 125°C
1000
3.9
4.3
4.5
3.7
3.3
3.1
10
0.5
1.5
3.5
2.5
1
2
4
3
100
°C
4
3
2
1
0
0
4
8
12
16
20
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
VGS = 10 V
7 V
6 V
5.5 V
5 V
TJ = 25°C
8
6
4
2
0
0
2
4
6
8
10
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
VDS ≥ 10 V
–55
°C
TJ = 100°C
25
°C
12
8
4
0
0
1.5
3
4.5
6
ID, DRAIN CURRENT (AMPS)
VGS = 10 V
TJ = 25°C
100
°C
–55
°C
2.7
2.5
0
TJ, JUNCTION TEMPERATURE (°C)
VGS = 10 V
ID = 1 A
– 50
0
50
100
150
125
– 25
25
75
2.5
2
1.5
1
0.5
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com