| Electronic Components Datasheet Search |
|
EEVTG1K331M Datasheet(PDF) 3 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
EEVTG1K331M Datasheet(HTML) 3 Page - Panasonic Semiconductor |
|
3 / 3 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ TG – EEE-52 – ■ Standard Products W.V. Cap. (±20 %) Case size Specification Part No. (RoHS:compliant) Reflow Min. Packaging Q'ty Dia. Length ✽Size Code Ripple Current (100 kHz) (+125 °C) ESR (100 kHz) (+20 °C) tan δ (120 Hz) (+20 °C) Taping (V) (µF) (mm) (mm) (mA r.m.s.) ( )(pcs) 50 10 8 6.2 E 80 1.60 0.14 EEETG1H100P (2) 1000 22 8 6.2 E 80 1.60 0.14 EEETG1H220P (2) 1000 33 86.2 (E) 80 1.60 0.14 EEETG1H330UP (2) 1000 810.2F 133 0.75 0.14 EEETG1H330P (2) 500 47 810.2 (F) 133 0.75 0.14 EEETG1H470UP (2) 500 10 10.2 G 221 0.50 0.14 EEETG1H470P (2) 500 100 10 10.2 (G) 221 0.50 0.14 EEETG1H101UP (2) 500 220 12.5 13.5 H13 600 0.23 0.14 EEVTG1H221Q (3) 200 330 12.5 13.5 H13 600 0.23 0.14 EEVTG1H331Q (3) 200 470 16 16.5 J16 900 0.150.14 EEVTG1H471M (3) 125 680 16 16.5 (J16) 900 0.15 0.14 EEVTG1H681UM (3) 125 18 16.5 K16 950 0.14 0.14 EEVTG1H681M (3) 125 1000 18 16.5 K16 950 0.14 0.14 EEVTG1H102M (3) 125 63 10 8 6.2 E 55 2.20 0.12 EEETG1J100P (2) 1000 22 8 10.2F 100 1.00 0.12 EEETG1J220P (2) 500 33 810.2 (F) 1001.00 0.12 EEETG1J330UP (2) 500 10 10.2 G 150 0.80 0.12 EEETG1J330P (2) 500 47 810.2 (F) 1001.00 0.12 EEETG1J470UP (2) 500 10 10.2 G 150 0.80 0.12 EEETG1J470P (2) 500 100 10 10.2 (G) 150 0.80 0.12 EEETG1J101UP (2) 500 12.5 13.5 H13 350 0.26 0.12 EEVTG1J101Q (3) 200 220 12.5 13.5 H13 350 0.26 0.12 EEVTG1J221Q (3) 200 330 16 16.5 J16 500 0.180.12 EEVTG1J331M (3) 125 470 16 16.5 J16 500 0.180.12 EEVTG1J471M (3) 125 80 10 8 10.2F 70 1.30 0.12 EEETG1K100P (2) 500 22 810.2 (F) 70 1.30 0.12 EEETG1K220UP (2) 500 10 10.2 G 90 1.00 0.12 EEETG1K220P (2) 500 33 810.2 (F) 70 1.30 0.12 EEETG1K330UP (2) 500 10 10.2 G 90 1.00 0.12 EEETG1K330P (2) 500 47 10 10.2 (G) 90 1.00 0.12 EEETG1K470UP (2) 500 12.5 13.5 H13 250 0.42 0.12 EEVTG1K470Q (3) 200 100 12.5 13.5 (H13) 250 0.42 0.12 EEVTG1K101UQ (3) 200 16 16.5 J16 350 0.30 0.12 EEVTG1K101M (3) 125 220 16 16.5 (J16) 350 0.30 0.12 EEVTG1K221UM (3) 125 18 16.5 K16 400 0.28 0.12 EEVTG1K221M (3) 125 330 16 16.5 (J16) 350 0.30 0.12 EEVTG1K331UM (3) 125 18 16.5 K16 400 0.28 0.12 EEVTG1K331M (3) 125 470 18 16.5 K16 400 0.28 0.12 EEVTG1K471M (3) 125 100 10 8 10.2F 70 1.30 0.10 EEETG2A100P (2) 500 22 810.2 (F) 70 1.30 0.10 EEETG2A220UP (2) 500 10 10.2 G 90 1.00 0.10 EEETG2A220P (2) 500 33 10 10.2 G 90 1.00 0.10 EEETG2A330P (2) 500 47 12.5 13.5 H13250 0.42 0.10 EEVTG2A470Q (3) 200 100 16 16.5 J16 350 0.30 0.10 EEVTG2A101M (3) 125 220 18 16.5 K16 400 0.28 0.10 EEVTG2A221M (3) 125 330 18 16.5 K16 400 0.28 0.10 EEVTG2A331M (3) 125 ✽Size code( ):Miniaturization product · Please refer to the page of “Reflow Profile” and “The Taping Dimensions”. · When requesting vibration-proof product, please put the last “V” instead to “P, Q, or M” Endurance : 125 °C 1000 h ( φ8 10.2 < : 2000 h) 00 Nov. 2012 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |