Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1108EDC Datasheet(PDF) 10 Page - Advanced Linear Devices

Part # ALD1108EDC
Description  QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1108EDC Datasheet(HTML) 10 Page - Advanced Linear Devices

Back Button ALD1108EDC Datasheet HTML 2Page - Advanced Linear Devices ALD1108EDC Datasheet HTML 3Page - Advanced Linear Devices ALD1108EDC Datasheet HTML 4Page - Advanced Linear Devices ALD1108EDC Datasheet HTML 5Page - Advanced Linear Devices ALD1108EDC Datasheet HTML 6Page - Advanced Linear Devices ALD1108EDC Datasheet HTML 7Page - Advanced Linear Devices ALD1108EDC Datasheet HTML 8Page - Advanced Linear Devices ALD1108EDC Datasheet HTML 9Page - Advanced Linear Devices ALD1108EDC Datasheet HTML 10Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ALD1108E/ALD1110E
Advanced Linear Devices
10
Relaxation Voltage (VRLX)
After programming, an EPAD threshold voltage will “ relax “ a small amount, which corresponds to a small loss of interface
charge. This is a small, fixed voltage step and decreases at a Relaxation Time Constant. The Relaxation Voltage is the
voltage change (voltage drop) after three Relaxation Time Constants. To compensate for this, an initial relaxation voltage,
expressed as a percentage of the programmed Vt, can be added to the initial desired target voltage.
Tempco of Differential Threshold Voltage (TCDVt)
Temperature Coefficient of Differential Threshold Voltage is the change in difference between two EPAD threshold
voltages per degree C change in temperature when the two devices initially have 1V relative electrically programmed
Vt difference.
Tempco of Threshold Voltage (TCVt)
Temperature Coefficient of the Vt is the change in the Threshold Voltage per degree C change in temperature.
Threshold Voltage (Vt)
Threshold Voltage of an EPAD is the voltage across Gate and Source when 1
µA is forced into the Drain terminal as the
Drain and Gate are connected together.
Tempco of VOS (TCVOS)
Temperature Coefficient of Offset Voltage is the change in difference between two EPAD threshold voltages per degree
Centigrade change in temperature when the two devices have the same initial electrically programmed Vt values.
Zero Tempco Current (I ZTC)
The Drain current of an EPAD device at which Temperature Coefficient of the Drain-Gate Connected Voltage, relative to
the Source Voltage, is at zero.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com