Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE200S70CD Datasheet(PDF) 4 Page - SL Power Electronics

Part # LE200S70CD
Description  200W Single Output LED Driver Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LE200S70CD Datasheet(HTML) 4 Page - SL Power Electronics

  LE200S70CD Datasheet HTML 1Page - SL Power Electronics LE200S70CD Datasheet HTML 2Page - SL Power Electronics LE200S70CD Datasheet HTML 3Page - SL Power Electronics LE200S70CD Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LE200S-CD
200W Single Output
LED Driver Series
4
www.slpower.com
LE200S-CD REV 2.0,11-FEB-13
Dimming Control
The dimmer control may be operated from either a potentiometer or from an input signal of 1 – 10 Vdc. Two recommended implementations are
provided below.
Parameters:
Parameter
Min.
Typ.
Max.
Notes
Absolute Max. Voltage on the 1-10V input
-2V
-
12V
Sink Current on the 1-10V input pin
0mA
-
1mA
Dimming Configuration using External Voltage
Dimming Configuration using External Resistance
Dimming Control Notes:
1. Io is actual output current and Ir is rated current without dimming control.
2. For the driver to operate properly, the load voltage must be maintained above the minimum voltage threshold (approx. 50% of the max.
output voltage for any given model).
3. If the output voltage is maintained above 50% of the maximum output voltage, the dimming control may be
operated over the entire 1-10V range with output current varying from 100% down to practically 10%.
4. The dimming signal is allowed to be less than 1V, however, when it for 0-1V, the output current is 10%Io.
5. Do not connect the GND of dimming to the output; otherwise, the LED driver can not work normally.
Data Sheet © 2012 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication. However, SL Power accepts no responsibility for
consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
LE150SXXXCD
LE200SXXXCD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com