Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1722ESA Datasheet(PDF) 5 Page - Advanced Linear Devices

Part # ALD1722ESA
Description  EPAD??OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1722ESA Datasheet(HTML) 5 Page - Advanced Linear Devices

  ALD1722ESA Datasheet HTML 1Page - Advanced Linear Devices ALD1722ESA Datasheet HTML 2Page - Advanced Linear Devices ALD1722ESA Datasheet HTML 3Page - Advanced Linear Devices ALD1722ESA Datasheet HTML 4Page - Advanced Linear Devices ALD1722ESA Datasheet HTML 5Page - Advanced Linear Devices ALD1722ESA Datasheet HTML 6Page - Advanced Linear Devices ALD1722ESA Datasheet HTML 7Page - Advanced Linear Devices ALD1722ESA Datasheet HTML 8Page - Advanced Linear Devices ALD1722ESA Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ALD1722E/ALD1722
Advanced Linear Devices
5
VS = ±2.5V -55°C ≤ TA ≤ +125°C unless otherwise specified
1722E
1722
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Initial Input Offset Voltage
VOS i
0.5
0.7
mV
RS ≤ 100KΩ
Input Offset Current
IOS
2.0
2.0
nA
Input Bias Current
IB
2.0
2.0
nA
Initial Power Supply
PSRR i
85
85
dB
RS ≤ 100KΩ
Rejection Ratio
8
Initial Common Mode
CMRR i
97
97
dB
RS ≤ 100KΩ
RejectionRatio
8
Large Signal Voltage Gain
AV
10
25
10
25
V/mV
RL ≤ 10KΩ
Output Voltage Range
VO low
-2.4
-2.3
-2.4
-2.3
V
RL ≤ 10KΩ
VO high
2.3
2.4
2.3
2.4
V
TA = 25
oC VS = ±5.0V unless otherwise specified
1722E
1722
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Initial Power Supply
PSRR i
85
85
dB
RS ≤ 100KΩ
Rejection Ratio
8
Initial Common Mode
CMRRi
97
97
dB
RS ≤ 100KΩ
Rejection Ratio
8
Large Signal Voltage Gain
AV
250
250
V/mV
RL = 10KΩ
Output Voltage Range
VO low
-4.90
-4.80
-4.90
-4.80
V
RL = 10KΩ
VO high
4.80
4.93
4.80
4.93
Bandwidth
BW
1.7
1.7
MHz
Slew Rate
SR
2.8
2.8
V/
µsAV = +1, CL = 50pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com