Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2502PB Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD2502PB
Description  SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2502PB Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD2502PB Datasheet HTML 1Page - Advanced Linear Devices ALD2502PB Datasheet HTML 2Page - Advanced Linear Devices ALD2502PB Datasheet HTML 3Page - Advanced Linear Devices ALD2502PB Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ALD1502/ALD2502
Advanced Linear Devices
3
TYPICAL PERFORMANCE CHARACTERISTICS
TIME DELAY IN THE MONOSTABLE MODE
AS A FUNCTION OF RA AND C
TIME DELAY
100ns 1
µs
1ms
1s
10s
1G
10M
100M
1M
10 mF
100 nF
1 mF
100
µF
10
µF
1
µF
10 nF
1 nF
100 pF
TA = 25°C
10
µs 100µs
10ms 100ms
100s
RA
0
10
20
30
40
MINIMUM PULSE WIDTH
REQUIRED FOR TRIGGERING
800
600
500
400
300
200
100
0
700
LOWEST VOLTAGE LEVEL OF TRIGGER
PULSE ( % VDD )
TA = 25°C
V+= 5V
V+ =12V
V+ = 2V
SUPPLY CURRENT AS A FUNCTION OF
SUPPLY VOLTAGE
0
2
4
6
8
10
12
100
60
50
40
30
20
10
0
70
80
90
TA = + 85°C
TA = + 20°C
TA = - 40°C
SUPPLY VOLTAGE (V)
DISCHARGE OUTPUT SINK CURRENT AS A
FUNCTION OF DISCHARGE LOW VOLTAGE
DISCHARGE LOW VOLTAGE (V)
0.01
0.02
0.05
0.1
1.0
0.5
0.2
100
50
20
5.0
2.0
1.0
0.5
0.2
0.1
10
TA = 25°C
V+ = 5V
V+ = 12V
V+ = 2V
FREQUENCY CHANGE IN THE ASTABLE
MODE AS A FUNCTION OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
24
6
12
10
8
+4
+3
+2
+1
0
-1
-2
-3
-4
FREE RUNNING FREQUENCY AS
A FUNCTION OF RA, RB AND C
FREQUENCY (Hz)
1.0
1K
10K 100K
10M 100M
1M
10 mF
100 nF
1 mF
100
µF
10
µF
1
µF
10 nF
1 nF
100 pF
10
0.1
100
(
RA- 2RB)
TA = 25
°C
100M
10M
1M
100K
10K
1K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com