Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1726PA Datasheet(PDF) 5 Page - Advanced Linear Devices

Part # ALD1726PA
Description  EPAD??ULTRA MICROPOWER OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1726PA Datasheet(HTML) 5 Page - Advanced Linear Devices

  ALD1726PA Datasheet HTML 1Page - Advanced Linear Devices ALD1726PA Datasheet HTML 2Page - Advanced Linear Devices ALD1726PA Datasheet HTML 3Page - Advanced Linear Devices ALD1726PA Datasheet HTML 4Page - Advanced Linear Devices ALD1726PA Datasheet HTML 5Page - Advanced Linear Devices ALD1726PA Datasheet HTML 6Page - Advanced Linear Devices ALD1726PA Datasheet HTML 7Page - Advanced Linear Devices ALD1726PA Datasheet HTML 8Page - Advanced Linear Devices ALD1726PA Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ALD1726E/ALD1726
Advanced Linear Devices
5
TA = 25
oC VS = ±1.0V unless otherwise specified
1726E
1726
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Initial Power Supply
PSRR i
70
70
dB
RS ≤ 1MΩ
Rejection Ratio
8
Initial Common Mode
CMRRi
70
70
dB
RS ≤ 1MΩ
Rejection Ratio
8
Large Signal Voltage Gain
AV
50
50
V/mV
RL = 1MΩ
Output Voltage Range
VO low
-0.95
-0.9
-0.95
-0.90
V
RL = 1MΩ
VO high
0.9
0.95
0.90
0.95
Bandwidth
BW
0.3
0.3
MHz
Slew Rate
SR
0.17
0.17
V/
µsAV = +1, CL = 50pF
VS = ±2.5V -55°C ≤ TA ≤ +125°C unless otherwise specified
1726E
1726
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Initial Input offset Voltage
VOS i
0.7
0.7
mV
RS ≤ 100KΩ
Input Offset Current
IOS
2.0
2.0
nA
Input Bias Current
IB
2.0
2.0
nA
Initial Power Supply
PSRR i
75
75
dB
RS ≤ 1MΩ
Rejection Ratio 8
Initial Common Mode
CMRR i
83
83
dB
RS ≤ 1MΩ
RejectionRatio 8
Large Signal Voltage Gain
AV
15
50
15
50
V/mV
RL = 1MΩ
Output Voltage Range
VO low
-2.40
-2.30
-2.40
-2.30
V
VO high
2.30
2.40
2.30
2.40
V
RL = 1MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com