Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD4212SC Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD4212SC
Description  CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4212SC Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD4212SC Datasheet HTML 1Page - Advanced Linear Devices ALD4212SC Datasheet HTML 2Page - Advanced Linear Devices ALD4212SC Datasheet HTML 3Page - Advanced Linear Devices ALD4212SC Datasheet HTML 4Page - Advanced Linear Devices ALD4212SC Datasheet HTML 5Page - Advanced Linear Devices ALD4212SC Datasheet HTML 6Page - Advanced Linear Devices ALD4212SC Datasheet HTML 7Page - Advanced Linear Devices ALD4212SC Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ALD4211/ALD4212
Advanced Linear Devices
2
ALD4213
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V+ referenced to V-
-0.3V to +13.2V
GND
-0.3V to +13.2V
Terminal voltage range (any terminal) Note 1
(V- -0.3)V to (V+ +0.3)V
Power dissipation
600 mW
Operating temperature range PC, SC package
-40
°C to +85°C
DC package
-55
°C to +125°C
Storage temperature range
-65
°C to +150°C
Lead temperature, 10 seconds
+260
°C
DC current (any terminal)
10mA
Supply
VSUPPLY
±1.5
±6.0
±1.5
±6.0
V
Dual Supply
Voltage
3.0
12.0
3.0
12.0
V
Single Supply
POWER SUPPLY RANGE
4211/4212/4213 (PC,SC)
4211/4212/4213 (DC)
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Analog Signal Range
VA
-5.0
5.0
-5.0
5.0
V
On - Resistance
RON
90
135
90
135
Ω
VA = 0V IA = 1mA
120
190
-40
°C to +85°C
140
210
-55
°C to +125°C
Change of On-Resistance
∆RON
16
16
%
from -VS to +VS
Change of On-Resistance
∆RON/∆T
0.43
0.43
%/
°C
with Temperature
RON Match between
2
2
%
Switches
Off Com Leakage
ICOML
50
100
50
100
pA
VCOM = ±4.0V,VOUT = -/+4.0V
Current
500
pA
-40
°C to +85°C
4000
pA
-55
°C to +125°C
Off Out Leakage
IOUTL
50
100
50
100
pA
VOUT = ±4.0V, VCOM = -/+4.0V
Current
500
pA
-40
°C to +85°C
4000
pA
-55
°C to +125°C
On Channel
ID(ON)
50
100
50
100
pA
Leakage Current
500
pA
-40
°C to +85°C
4000
pA
-55
°C to +125°C
Input High Voltage
VIH
4.0
4.0
Logic "1"
Input Low Voltage
VIL
0.8
0.8
V
Logic "0"
Input High or
IH
Input Low Current
IIL
10
10
nA
Supply Current
ISUPPLY
0.01
1
0.01
1
µA
DC ELECTRICAL CHARACTERISTICS
TA = 25°C V+ = +5.0V, V- = -5.0V GND = 0.0V unless otherwise specified
4211/4212/4213 (PC,SC)
4211/4212/4213 (DC)
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com