Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7913 Datasheet(PDF) 44 Page - Analog Devices

Part # ADE7913
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7913 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADE7913 Datasheet HTML 36Page - Analog Devices ADE7913 Datasheet HTML 37Page - Analog Devices ADE7913 Datasheet HTML 38Page - Analog Devices ADE7913 Datasheet HTML 39Page - Analog Devices ADE7913 Datasheet HTML 40Page - Analog Devices ADE7913 Datasheet HTML 41Page - Analog Devices ADE7913 Datasheet HTML 42Page - Analog Devices ADE7913 Datasheet HTML 43Page - Analog Devices ADE7913 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
ADE7912/ADE7913
Data Sheet
Rev. 0 | Page 44 of 44
OUTLINE DIMENSIONS
Figure 62. 20-Lead Standard Small Outline Package, with Increased Creepage [SOIC_IC]
Wide Body
(RI-20-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
ADE7912ARIZ
−40°C to +85°C
20-Lead SOIC_IC
RI-20-1
ADE7912ARIZ-RL
−40°C to +85°C
20-Lead SOIC_IC, 13”Tape and Reel
RI-20-1
ADE7913ARIZ
−40°C to +85°C
20-Lead SOIC_IC
RI-20-1
ADE7913ARIZ-RL
−40°C to +85°C
20-Lead SOIC_IC, 13”Tape and Reel
RI-20-1
EVAL-ADE7913EBZ
Evaluation Board
EVAL-SDP-CB1Z
Evaluation System Controller Board
1
Z = RoHS Compliant Part.
2
The EVAL-SDP-CB1Z is the controller board that manages the EVAL-ADE7913EBZ evaluation board. Both boards must be ordered together.
20
11
10
1
SEATING
PLANE
COPLANARITY
0.1
1.27 BSC
15.40
15.30
15.20
7.60
7.50
7.40
2.64
2.54
2.44
1.01
0.76
0.51
0.30
0.20
0.10
10.51
10.31
10.11
0.46
0.36
2.44
2.24
PIN 1
MARK
1.93 REF
0.32
0.23
0.71
0.50
0.31
45°
0.25 BSC
GAGE
PLANE
COMPLIANT TO JEDEC STANDARDS MS-013
©2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D11115-0-11/13(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com