Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7933 Datasheet(PDF) 50 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 46Page - Analog Devices ADE7933 Datasheet HTML 47Page - Analog Devices ADE7933 Datasheet HTML 48Page - Analog Devices ADE7933 Datasheet HTML 49Page - Analog Devices ADE7933 Datasheet HTML 50Page - Analog Devices ADE7933 Datasheet HTML 51Page - Analog Devices ADE7933 Datasheet HTML 52Page - Analog Devices ADE7933 Datasheet HTML 53Page - Analog Devices ADE7933 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 50 of 120
Current RMS Offset Compensation
The ADE7978 incorporates current rms offset compensation
registers for each phase: AIRMSOS, AFIRMSOS, BIRMSOS,
BFIRMSOS, CIRMSOS, CFIRMSOS, and NIRMSOS. These
24-bit signed registers are used to remove offsets in the current
rms calculations. An offset can exist in the rms calculation due
to input noises that are integrated in the dc component of I2(t).
The current rms offset compensation register is shifted left by
seven bits and then added to the squared current rms before the
square root is executed. Assuming that the maximum value from
the current rms calculation is 3,761,808 with full-scale ac inputs
(50 Hz or 60 Hz), one LSB of the current rms offset represents
the following value of the rms measurement at 60 dB down
from full scale:
0.00045% =
100
1
3761
128
37612
×


+
Conduct offset calibration at low current; avoid using currents
equal to zero for calibration purpose.
I rms =
IRMSOS
rms
I
×
+128
2
0
(23)
where I rms0 is the rms measurement without offset correction.
The serial ports of the ADE7978 work with 32-, 16-, or 8-bit
words, whereas the DSP works with 28-bit words. Like the
xIGAIN registers shown in Figure 44, the 24-bit xIRMSOS and
xFIRMSOS registers are sign extended to 28 bits and padded
with four 0s for transmission as 32-bit registers.
VOLTAGE RMS CALCULATION
Figure 68 shows the signal processing chain for the rms calcula-
tion on one phase of the voltage channels. The voltage channel
rms value is processed from the samples used in the voltage
channel. The voltage rms values are signed 24-bit values and are
stored in the AVRMS, AV2RMS, BVRMS, BV2RMS, CVRMS,
CV2RMS, NVRMS, and NV2RMS registers. The rms values of
the fundamental components are stored in the AFVRMS, BFVRMS,
and CFVRMS registers. The update rate of the voltage rms
measurement is 8 kHz.
0xAED2C0 =
–5,320,000
0x512D40 =
+5,320,000
0V
VOLTAGE
SIGNAL
FROM HPF
LPF
x2
27
xVRMSOS[23:0]
xVRMS[23:0]
Figure 68. Voltage RMS Signal Processing
With the specified full-scale analog input signal of 0.5 V, the ADC
produces an output code that is approximately 5,320,000. The
equivalent rms value of a full-scale sinusoidal signal is 3,761,808,
independent of the line frequency.
The accuracy of the voltage rms is typically 0.1% error from
the full-scale input down to 1/1000 of the full-scale input. This
measurement has a bandwidth of 3.3 kHz.
To ensure rms measurement stability, follow these steps:
1. Read the rms registers at least once per line cycle over 1 sec.
2. Average the readings to obtain the rms value.
The settling time for the voltage rms measurement is 580 ms for
both 50 Hz and 60 Hz input signals. The voltage rms measurement
settling time is the time it takes for the rms register to reflect the
value at the input to the voltage channel when starting from 0.
The serial ports of the ADE7978 work with 32-, 16-, or 8-bit words,
whereas the DSP works with 28-bit words. The 24-bit signed
AVRMS, AFVRMS, AV2RMS, BVRMS, BFVRMS, BV2RMS,
CVRMS, CFVRMS, CV2RMS, NVRMS, and NV2RMS registers
are transmitted as 32-bit registers with the eight MSBs padded
with 0s (see Figure 67).
Voltage RMS Offset Compensation
The ADE7978 incorporates voltage rms offset compensation
registers for each phase: AVRMSOS, AFVRMSOS, AV2RMSOS,
BVRMSOS, BFVRMSOS, BV2RMSOS, CVRMSOS, CFVRMSOS,
CV2RMSOS, NVRMSOS, and NV2RMSOS. These 24-bit signed
registers are used to remove offsets in the voltage rms calculations.
An offset can exist in the rms calculation due to input noises that
are integrated in the dc component of V2(t). The voltage rms
offset compensation register is shifted left by seven bits and then
added to the squared voltage rms before the square root is exe-
cuted. Assuming that the maximum value from the voltage rms
calculation is 3,761,808 with full-scale ac inputs (50 Hz or 60 Hz),
one LSB of the voltage rms offset represents the following value
of the rms measurement at 60 dB down from full scale:
0.00045% =
100
1
3761
128
37612
×


+
Conduct offset calibration at low current; avoid using voltages
equal to zero for calibration purposes.
V rms =
VRMSOS
rms
V
×
+128
2
0
(24)
where V rms0 is the rms measurement without offset correction.
The serial ports of the ADE7978 work with 32-, 16-, or 8-bit
words, whereas the DSP works with 28-bit words. Like the
xIGAIN registers shown in Figure 44, the 24-bit xVRMSOS,
xV2RMSOS, and xFVRMSOS registers are sign extended to 28
bits and padded with four 0s for transmission as 32-bit registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com