Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1007 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LD1007
Description  High Power Constant Current LED Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LD1007 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LD1007 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INDUSTRIES CORP. 5625-A S. Arville, Las Vegas, NV 89118 Tel:702-364-9998 Fax: 702-364-1562 www.magtechind.com Anz140a
LED Driver
Product
Specifications
ANZ#: Z140a, December 3, 2009
High Power Constant Current LED Driver
LD1007 Series
Total Power
8.4 Watts max.
Input Voltages
10.5 – 30VDC
Number of Outputs
One
Features :
Applications :
DC Output with Constant Current,
LED Signage
Outdoor or Indoor use
LED Architectural Lighting
Rain-proof Design - IP66,NEMA3
LED Industrial Lighting
For Dry and Damp locations
LED Channel Letter
Convection Cooled in plastic housing
LED General Luminaire
Load share with parallel operation (Constant Current)
Meet FCC and CE
Three Years Warranty
Specifications :
Input Range : 10.5 ~ 30 VDC / 1A
MTBF(@25
°C) : >100,000 Hours,MIL-217F
Efficiency : 85% Typical
EMC Compliance: Meet FCC , CE standards
Protection : OPP,SCP - Auto Recovery
Dimension : 46(L),34(W),19(H) mm +/- 0.5mm
Operation Temp. : -30
°C ~ +50°C, Tc : 70°C
Weight : 65 Grams Typical
Storage Temp. : -40
°C ~ +85°C
Model Listing :
Model
DC Output
Output Current
Watts
Model
DC Output (Vf)
DC Output
Watts
Constant Voltage
Max.
Max.
Working Voltage Constant Current
Max.
LD1007-24
24V ± 5%
350mA
8.4W
LD1007-24-C0350
2~ 24V
350mA ± 5%
8.4W
LD1007-12
12V ± 5%
700mA
8.4W
LD1007-12-C0700
2~12V
700mA ± 5%
8.4W
Mechanical Drawing :
IP66


Similar Part No. - LD1007

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
LD1007 MARL-LD1007 Datasheet
116Kb / 1P
High Power Constant Current LED Driver
LD1007 MARL-LD1007_15 Datasheet
116Kb / 1P
High Power Constant Current LED Driver
More results

Similar Description - LD1007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC1512 ETC1-CC1512 Datasheet
64Kb / 2P
High Power Constant Current LED Driver
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
High Power Constant Current LED Driver
LD-CUANDLD-PI ETC1-LD-CUANDLD-PI Datasheet
39Kb / 1P
High Power Constant Current LED Driver
LP4100 ETC1-LP4100 Datasheet
138Kb / 2P
High Power Constant Current LED Driver
logo
Marl International Limi...
CC1512 MARL-CC1512 Datasheet
64Kb / 2P
High Power Constant Current LED Driver
LD1007 MARL-LD1007 Datasheet
116Kb / 1P
High Power Constant Current LED Driver
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
High Power Constant Current LED Driver
LD-CUANDLD-PI MARL-LD-CUANDLD-PI Datasheet
39Kb / 1P
High Power Constant Current LED Driver
CC1512 MARL-CC1512_15 Datasheet
64Kb / 2P
High Power Constant Current LED Driver
LD1007 MARL-LD1007_15 Datasheet
116Kb / 1P
High Power Constant Current LED Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com