Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7447797180 Datasheet(PDF) 13 Page - Analog Devices

Part # 7447797180
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7447797180 Datasheet(HTML) 13 Page - Analog Devices

Back Button 7447797180 Datasheet HTML 9Page - Analog Devices 7447797180 Datasheet HTML 10Page - Analog Devices 7447797180 Datasheet HTML 11Page - Analog Devices 7447797180 Datasheet HTML 12Page - Analog Devices 7447797180 Datasheet HTML 13Page - Analog Devices 7447797180 Datasheet HTML 14Page - Analog Devices 7447797180 Datasheet HTML 15Page - Analog Devices 7447797180 Datasheet HTML 16Page - Analog Devices 7447797180 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADP2323
Rev. A | Page 13 of 32
CH1 2.00V BW
CH3 10.0V
CH2 5.00V
CH4 2.00A Ω
M1.00ms
A CH2
1.80V
1
2
4
3
T
50.40%
VOUT
EN
PGOOD
IOUT
Figure 29. Soft Start With Full Load
CH1 100mV
B
W
CH4 1.00A Ω
M200µs
A CH4
1.00A
1
4
T
70.20%
VOUT (AC)
IOUT
Figure 30. Load Transient Response, 0.5 A to 2.5 A
CH1 2.00V BW
CH2 10.0V
CH4 2.00A Ω
M10.0ms
A CH1
960mV
1
2
4
T
20.60%
VOUT
SW
IL
Figure 31. Output Short
CH1 2.00V BW
CH3 10.0V
CH2 5.00V
CH4 1.00A Ω
M1.00ms
A CH2
1.80V
1
2
4
3
T
50.40%
VOUT
EN
PGOOD
IL
Figure 32. Precharged Output
CH1 20.0mV
B
W
CH3 5.00V
B
W
CH2 5.00V
M1.00ms
A CH1
–8.00mV
1
2
3
T
72.00%
SW
VOUT (AC)
VIN
IOUT
Figure 33. Line Transient Response, VIN from 8 V to 14 V, IOUT = 3 A
CH1 2.00V BW
CH2 10.0V
CH4 2.00A Ω
M10.0ms
A CH1
1.28V
1
2
4
T
60.40%
VOUT
SW
IL
Figure 34. Output Short Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com