Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2998 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 2998
Description  DUAL FULL-BRIDGE MOTOR DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2998 Datasheet(HTML) 5 Page - Allegro MicroSystems

  2998 Datasheet HTML 1Page - Allegro MicroSystems 2998 Datasheet HTML 2Page - Allegro MicroSystems 2998 Datasheet HTML 3Page - Allegro MicroSystems 2998 Datasheet HTML 4Page - Allegro MicroSystems 2998 Datasheet HTML 5Page - Allegro MicroSystems 2998 Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2998
DUAL FULL-BRIDGE
MOTOR DRIVER
www.allegromicro.com
Dimensions in Inches
(controlling dimensions)
NOTES: 1. Lead thickness is measured at seating plane or below.
2. Lead spacing tolerance is non-cumulative.
3. Exact body and lead configuration at vendor’s option within limits shown.
4. Lead gauge plane is 0.030” below seating plane.
5. Supplied in standard sticks/tubes of 15 devices.
Dwg. MP-007 in
1.260
1.240
0.775
0.765
0.020
0.155
0.145
ø
0.180
MAX
0.055
0.045
0.135
0.100
0.290 MIN
0.080
0.070
0.365
0.100
±0.010
0.030
0.020
0.065
0.035
1
0.023
0.018
0.140
0.570
0.540
0.245
0.225
12
INDEX
AREA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com