Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC02-SC Datasheet(PDF) 1 Page - Recom International Power

Part # RAC02-SC
Description  35mW max of No Load Power Consumption, Output CV/CC Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC02-SC Datasheet(HTML) 1 Page - Recom International Power

  RAC02-SC Datasheet HTML 1Page - Recom International Power RAC02-SC Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2 Watt
Single
Output
35mW max of No Load Power Consumption
Output CV/CC Control
Isolated Output 3kVAC / 1 min
Short Circuit Protection
Overvoltage Protection
Meet EN55022 and FCC Class B
Built-In Fusible Resistor
Features
Regulated
Converters
Selection Guide
Part
Output
Max.
Total
Ripple &
Max.
Number
Voltage
Current
Regulation(1)
Noise(2)
Efficiency
Capacitive
(VDC)
(lo, max)
(Typ.)
Load
RAC02-3.3SC/277
3.3
600mA
±6%
300mV
67%
24000µF
RAC02-05SC/277
5
400mA
±6%
200mV
71%
7500µF
RAC02-12SC/277
12
167mA
±6%
200mV
74%
1200µF
RAC02-24SC/277
24
83mA
±6%
200mV
76%
200µF
Input Voltage Range (with Derating)
80-305VAC or 110-430VDC
Input Frequency
47-440Hz
Input Current (full load)
115VAC/230VAC
47mA / 30mA typ.
Inrush Current
115VAC/230VAC
15A / 30A max.
No Load Power Consumption
80-305VAC
35mW max.
Output Voltage (Vout nom.)
3.3V-24V
Output Voltage Tolerance
±6% max.
Minimum Load
2%
Line Voltage Regulation
LL-HL at full Load
±1.5% max.
Load Voltage Regulation
2-100% Load
see Selection Guide
Switching Frequency
at full Load
45kHz typ.
Isolation Voltage
Input-Output
3kVAC / 1 minute
Leakage Current
80-305VAC
10uA max.
Isolation Resistance
1G
Ω min
Short Circuit Protection
Continuous, Auto Restart
Over-Voltage Protection
Zener clamp, set at 4.4~5.0V for 3.3V and
110~140% of its nominal output voltage for others.
Operating Temperature Range
natural convection, without derating
-25°C ~ +75°C
natural air convection, with derating
-25°C ~ +85°C
Storage Temperature Range
-40°C ~ +85°C
Case Material
UL94V-0 black plastic
Potting Material
Silicon
Relative Humidity
95% RH max.
Package Weight
24.5g typ.
Package Quantity
22 pcs
MTBF
TA = 25°C
> 1300x10³ hours
(using MIL-HDBK217F)
TA = 75°C
> 165x10³ hours
Physical
Dimension (LxWxH)
33.7 x 22.2 x 17.75 mm
EMI
EN55022, Class B
Safety Standard
IEC/EN General Safety
Report: SPCLVD1208051
IEC/EN-60950-1
UL General Safety
Report: E224736-A17-UL
UL-60950-1
Derating Graph
(Ambient Temperature)
Specifications (measured at TA 25°C, full load after warm-up)
POWERLINE
AC/DC-Converter
with 3 year Warranty
EN-60950-1 Certified
UL-60950-1 Certified
RAC02-SC/277
100
60
40
20
0
80
Ambient Temperature Range (°C)
-20
20
0
40
60
80
100
120
Safe Operating Area
70
75 85
50
PA-4
www.recom-electronic.com
REV: 1/2013
E224736
RoHS
2011/65/EU
6/6


Similar Part No. - RAC02-SC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC02-SE RECOM-RAC02-SE Datasheet
271Kb / 3P
2 Watt Single Output
RAC02-SE-277 RECOM-RAC02-SE-277 Datasheet
387Kb / 4P
2 Watt Single Output
RAC02-SE-277-W RECOM-RAC02-SE-277-W Datasheet
363Kb / 4P
2 Watt Single Output
RAC02-SE277 RECOM-RAC02-SE277 Datasheet
402Kb / 4P
35mW max. No Load Power Consumption
RAC02-SE277W RECOM-RAC02-SE277W Datasheet
380Kb / 4P
35mW max. No Load Power Consumption
More results

Similar Description - RAC02-SC

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-118 POWERINT-DI-118 Datasheet
396Kb / 2P
4.5 W CV/CC Charger with <260 mW No-Load Consumption
logo
Minmax Technology Co., ...
MJW15 MINMAX-MJW15 Datasheet
526Kb / 10P
Low No Load Power Consumption
logo
AIMTEC
AM6TW-NZ AIMTEC-AM6TW-NZ Datasheet
259Kb / 5P
Very low no load power consumption of 0.12W
logo
Recom International Pow...
RAC20-N RECOM-RAC20-N Datasheet
892Kb / 4P
0.25W max. No Load Power Consumption
RAC02-SE277 RECOM-RAC02-SE277 Datasheet
402Kb / 4P
35mW max. No Load Power Consumption
RAC02-SE277W RECOM-RAC02-SE277W Datasheet
380Kb / 4P
35mW max. No Load Power Consumption
RAC03-SE277 RECOM-RAC03-SE277 Datasheet
428Kb / 4P
30mW max. No Load Power Consumption
RAC03-SE277W RECOM-RAC03-SE277W Datasheet
383Kb / 4P
30mW max. No Load Power Consumption
RAC03-SER277 RECOM-RAC03-SER277 Datasheet
399Kb / 4P
40mW max. No Load Power Consumption
RAC04-C277 RECOM-RAC04-C277 Datasheet
453Kb / 6P
50mW max. No Load Power Consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com