Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FS-S Datasheet(PDF) 19 Page - SPANSION

Part # S25FS-S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS-S Datasheet(HTML) 19 Page - SPANSION

Back Button S25FS-S Datasheet HTML 15Page - SPANSION S25FS-S Datasheet HTML 16Page - SPANSION S25FS-S Datasheet HTML 17Page - SPANSION S25FS-S Datasheet HTML 18Page - SPANSION S25FS-S Datasheet HTML 19Page - SPANSION S25FS-S Datasheet HTML 20Page - SPANSION S25FS-S Datasheet HTML 21Page - SPANSION S25FS-S Datasheet HTML 22Page - SPANSION S25FS-S Datasheet HTML 23Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
19
Da ta
Shee t
(Prelim i nar y )
3.2
Multiple Input / Output (MIO)
Traditional SPI single bit wide commands (Single or SIO) send information from the host to the memory only
on the Serial Input (SI) signal. Data may be sent back to the host serially on the Serial Output (SO) signal.
Dual or Quad Input / Output (I/O) commands send instructions to the memory only on the SI/IO0 signal.
Address or data is sent from the host to the memory as bit pairs on IO0 and IO1 or four bit (nibble) groups on
IO0, IO1, IO2, and IO3. Data is returned to the host similarly as bit pairs on IO0 and IO1 or four bit (nibble)
groups on IO0, IO1, IO2, and IO3.
QPI Mode transfers all instructions, address, and data from the host to the memory as four bit (nibble) groups
on IO0, IO1, IO2, and IO3. Data is returned to the host similarly as four bit (nibble) groups on IO0, IO1, IO2,
and IO3.
3.3
Serial Clock (SCK)
This input signal provides the synchronization reference for the SPI interface. Instructions, addresses, or data
input are latched on the rising edge of the SCK signal. Data output changes after the falling edge of SCK, in
SDR commands, and after every edge in DDR commands.
3.4
Chip Select (CS#)
The Chip Select signal indicates when a command is transferring information to or from the device and the
other signals are relevant for the memory device.
When the CS# signal is at the logic high state, the device is not selected and all input signals are ignored and
all output signals are high impedance. The device will be in the Standby Power mode, unless an internal
embedded operation is in progress. An embedded operation is indicated by the Status Register 1
Write-In-Progress bit (SR1V[1]) set to 1, until the operation is completed. Some example embedded
operations are: Program, Erase, or Write Registers (WRR) operations.
Driving the CS# input to the logic low state enables the device, placing it in the Active Power mode. After
power-up, a falling edge on CS# is required prior to the start of any command.
3.5
Serial Input (SI) / IO0
This input signal is used to transfer data serially into the device. It receives instructions, addresses, and data
to be programmed. Values are latched on the rising edge of serial SCK clock signal.
SI becomes IO0 - an input and output during Dual and Quad commands for receiving instructions, addresses,
and data to be programmed (values latched on rising edge of serial SCK clock signal) as well as shifting out
data (on the falling edge of SCK, in SDR commands, and on every edge of SCK, in DDR commands).
3.6
Serial Output (SO) / IO1
This output signal is used to transfer data serially out of the device. Data is shifted out on the falling edge of
the serial SCK clock signal.
SO becomes IO1 - an input and output during Dual and Quad commands for receiving addresses, and data to
be programmed (values latched on rising edge of serial SCK clock signal) as well as shifting out data (on the
falling edge of SCK, in SDR commands, and on every edge of SCK, in DDR commands).
3.7
Write Protect (WP#) / IO2
When WP# is driven Low (VIL), during a WRR or WRAR command and while the Status Register Write
Disable (SRWD_NV) bit of Status Register 1 (SR1NV[7]) is set to a 1, it is not possible to write to Status
Register 1 or Configuration Register 1 related registers. In this situation, a WRR command is ignored, a
WRAR command selecting SR1NV, SR1V, CR1NV, or CR1V is ignored, and no error is set.
This prevents any alteration of the Block Protection settings. As a consequence, all the data bytes in the
memory area that are protected by the Block Protection feature are also hardware protected against data
modification if WP# is Low during a WRR or WRAR command with SRWD_NV set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com