Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3121 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3121
Description  HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3121 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3121 Datasheet HTML 1Page - Allegro MicroSystems 3121 Datasheet HTML 2Page - Allegro MicroSystems 3121 Datasheet HTML 3Page - Allegro MicroSystems 3121 Datasheet HTML 4Page - Allegro MicroSystems 3121 Datasheet HTML 5Page - Allegro MicroSystems 3121 Datasheet HTML 6Page - Allegro MicroSystems 3121 Datasheet HTML 7Page - Allegro MicroSystems 3121 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3121, 3122, AND 3123
HALL-EFFECT SWITCHES
FOR HIGH-TEMPERATURE
OPERATION
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
V
CC
Operating
4.5
—
24
V
Output Saturation Voltage
V
OUT(SAT)
I
OUT
= 20 mA, B > B
OP
—
14040
0 mV
Output Leakage Current
I
OFF
V
OUT
= 24 V, B < B
RP
—
<1.010
µA
Supply Current
I
CC
B < B
RP
(Output OFF)
—
4.6
9.0mA
Output Rise Time
t
r
R
L
= 820
Ω, C
L
= 20 pF
—
0.04
2.0
µs
Output Fall Time
t
f
R
L
= 820
Ω, C
L
= 20 pF
—
0.18
2.0
µs
ELECTRICAL CHARACTERISTICS over operating temperature range, at V
CC
= 12 V.
MAGNETIC CHARACTERISTICS in gauss over operating supply voltage range.
Part Numbers*
A3121
A3122
A3123
Characteristic
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max
B
OP
at T
A = 25°C
250350450
28034040
0
250345
440
over operating temp. range
22035050
0
260340430
230345
470
B
RP
at T
A = 25°C
125
245
380
140235
330
18024030
0
over operating temp. range
80245
410
120235
360
160240330
B
hys
at T
A = 25°C
7010
5
140
7010
5
140
7010
5
140
over operating temp. range
6010
5
150
7010
5
140
7010
5
140
NOTES: Typical values are at T
A = +25°C and VCC = 12 V.
B
OP = operate point (output turns ON); BRP = release point (output turns OFF); Bhys = hysteresis (BOP - BRP).
*Complete part number includes a suffix to identify operating temperature range (E- or L-) and package type ( -LT, -U, or -UA).
VCC
X
REG.
Dwg. FH-005-2
GROUND
OUTPUT
3
2
1
Copyright © 1992, 1999, Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com