Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3175 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3175
Description  HALL-EFFECT LATCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3175 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3175 Datasheet HTML 1Page - Allegro MicroSystems 3175 Datasheet HTML 2Page - Allegro MicroSystems 3175 Datasheet HTML 3Page - Allegro MicroSystems 3175 Datasheet HTML 4Page - Allegro MicroSystems 3175 Datasheet HTML 5Page - Allegro MicroSystems 3175 Datasheet HTML 6Page - Allegro MicroSystems 3175 Datasheet HTML 7Page - Allegro MicroSystems 3175 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3175 AND 3177
HALL-EFFECT
LATCHES
TYPICAL OPERATING CHARACTERISTICS
Suffix “UA”
-10
10
30
50
90
AMBIENT TEMPERATURE IN
°C
-30
Dwg. GH-020
0
100
200
-100
-200
70
V
= 14 V
CC
OPERATE POINT
RELEASE POINT
1
3
2
Dwg. MH-011B
0.018"
0.46 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.083"
2.12 mm
0.055"
1.39 mm
A
1
3
2
Dwg. MH-002-3B
0.015"
0.38 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.072"
1.83 mm
0.092"
2.35 mm
A
Suffix “U”
Suffix “LT”
0.045"
1.15 mm
1
3
2
Dwg. MH-008-1B
0.030"
0.76 mm
NOM
ACTIVE AREA DEPTH
0.090"
2.30 mm
A
SENSOR LOCATIONS
(
±0.005” [0.13mm] die placement)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com