Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD19531KCS Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19531KCS
Description  100V N-Channel NexFE Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19531KCS Datasheet(HTML) 5 Page - Texas Instruments

  CSD19531KCS Datasheet HTML 1Page - Texas Instruments CSD19531KCS Datasheet HTML 2Page - Texas Instruments CSD19531KCS Datasheet HTML 3Page - Texas Instruments CSD19531KCS Datasheet HTML 4Page - Texas Instruments CSD19531KCS Datasheet HTML 5Page - Texas Instruments CSD19531KCS Datasheet HTML 6Page - Texas Instruments CSD19531KCS Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
0
20
40
60
80
100
120
−50
−25
0
25
50
75
100
125
150
175
TC - Case Temperature (ºC)
G001
0.01
0.1
1
10
100
1000
5000
0.01
0.1
1
10
100
1000
VDS - Drain-to-Source Voltage (V)
1ms
10ms
100ms
1s
DC
Single Pulse
Typical RthetaJA = 50ºC/W
G001
10
100
0.01
0.1
1
TAV - Time in Avalanche (mS)
TC = 25ºC
TC = 125ºC
G001
CSD19531KCS
www.ti.com
SLPS407 – SEPTEMBER 2013
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
TEXT ADDED FOR SPACING
Figure 12. Maximum Drain Current vs. Temperature
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD19531KCS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com