Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMVA3 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DMVA3
Description  DMVA3 and DMVA4 DaVinc Digital Media Processor
PDF  287 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DMVA3 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DMVA3 Datasheet HTML 9Page - Texas Instruments DMVA3 Datasheet HTML 10Page - Texas Instruments DMVA3 Datasheet HTML 11Page - Texas Instruments DMVA3 Datasheet HTML 12Page - Texas Instruments DMVA3 Datasheet HTML 13Page - Texas Instruments DMVA3 Datasheet HTML 14Page - Texas Instruments DMVA3 Datasheet HTML 15Page - Texas Instruments DMVA3 Datasheet HTML 16Page - Texas Instruments DMVA3 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 287 page
background image
DMVA3, DMVA4
www.ti.com
SPRS872B – MAY 2013 – REVISED DECEMBER 2013
•
Detection Capabilities:
–
Face Inclination of ±45°
–
Face Direction:
•
Up/Down: ±30°
•
Left/Right: ±60°
–
Supported Detection Directions:
•
0° Faces are Vertical
•
+90° Faces are Rotated Right by 90°
•
-90° Faces are Rotated Left by 90°
•
Supported Minimum Face Sizes of 20, 25, 32 or 40 Pixels
–
Supported Detection Start Positions:
•
X = 0 to 160
•
Y = 0 to 120
–
Supported Detection Area Sizes:
•
X = 160 to 320
•
Y = 120 to 240
–
Provides Size, Position, Angle, and Confidence Level for Each Face
2.8
Spinlock Module Overview
The Spinlock module provides hardware assistance for synchronizing the processes running on multiple
processors in the device:
•
ARM Cortex-A8 processor
•
Media Controller
The Spinlock module implements 128 spinlocks (or hardware semaphores) that provide an efficient way to
perform a lock operation of a device resource using a single read-access, avoiding the need for a read-
modify-write bus transfer of which the programmable cores are not capable.
Copyright © 2013, Texas Instruments Incorporated
Device Overview
13
Submit Documentation Feedback
Product Folder Links: DMVA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com