Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3260 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3260
Description  2-WIRE, CHOPPER-STABILIZED, PRECISION HALL-EFFECT BIPOLAR SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3260 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3260 Datasheet HTML 1Page - Allegro MicroSystems 3260 Datasheet HTML 2Page - Allegro MicroSystems 3260 Datasheet HTML 3Page - Allegro MicroSystems 3260 Datasheet HTML 4Page - Allegro MicroSystems 3260 Datasheet HTML 5Page - Allegro MicroSystems 3260 Datasheet HTML 6Page - Allegro MicroSystems 3260 Datasheet HTML 7Page - Allegro MicroSystems 3260 Datasheet HTML 8Page - Allegro MicroSystems 3260 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3260
2-WIRE, CHOPPER-STABILIZED,
PRECISION HALL-EFFECT
BIPOLAR SWITCH
www.allegromicro.com
3
ELECTRICAL CHARACTERISTICS over operating temperature range.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
V
CC
Operating
3.5
12
24
V
Output Current
I
GND(L)
B > B
OP
-4.0
-6.5
-8.0
mA
I
GND(H)
B < B
RP
-11
-14.5
-18
mA
Chopping Frequency
f
C
–
340
–
kHz
Output Slew Rate
di/dt
C
L = 20 pF
0.5
—
2.0
mA/
µs
Output Settling Time
t
sd
C
L = 20 pF
—
—
20
µs
Reverse Battery Current
I
CC
V
RCC = -16 V
–
–
-15
mA
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operate Point
B
OP
–10
30
G
Release Point
B
RP
-30
-10
–
G
Hysteresis
B
hys
B
OP - BRP
–20
–
G
MAGNETIC CHARACTERISTICS over operating supply voltage and temperature ranges.
NOTE — Typical Data is at TA = +25°C and VCC = 12 V and is for design information only.
NOTES:1. . B
OP = operate point (output turns OFF); BRP = release point (output turns ON).
2. Typical Data is at T
A = +25°C and VCC = 12 V and is for design information only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com