Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2786 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 2SC2786
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SC2786 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  2SC2786 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2SC2786
NPN EPITAXIAL SILICON TRANSISTOR
PRE-AMPLIFIER,LOW LEVEL&LOW NOISE
*
Complement to S9015LT1
*
Collector Current: Ic= 100mA
*
Collector-Emitter Voltage:Vce= 45V
*
High Total Power Dissipation:Pc=225mW
*
High Hfe And Good Linearity
ABSOLUTE MAXIMUM RATINGS at Ta=25
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Vcbo
50
V
Collector-Emitter Voltage
Vceo
45
V
Emitter-Base Voltage
Vebo
5
V
Collector Current
Ic
100
mA
Collector Dissipation Ta=25
*
PD
225
mW
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55-150
1.BASE
2.EMITTER
3.COLLECTOR
1.
1.3
2.4
U nit:m m
ELECTRICAL CHARACTERISTICS at Ta=25
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Voltage
BVcbo
50
V
Ic=100uA
Ie=0
Collector-Emitter
Breakdown
Voltage#
BVceo
45
V
Ic= 1mA
Ib=0
Emitter-Base Breakdown Voltage
BVebo
5
V
Ie= 100uA
Ic=0
Collector-Base Cutoff Current
Icbo
50
nA
Vcb= 50V
Ie=0
Emitter-Base Cutoff Current
Iebo
50
nA
Veb= 5V
Ic= 0
DC Current Gain
Hfe
60
300
1000
Vce= 5V Ic= 1mA
Collector-Emitter Saturation Voltage
Vce(sat)
0.3
V
Ic= 100mA Ib= 5mA
Base-Emitter Saturation Voltage
Vbe(sat)
1.00
V
Ic= 100mA Ib= 5mA
Base-Emitter on Voltage
Vbe(on)
0.58
0.63
o.7
V
Vce= 5V Ic= 2mA
Output Capacitance
Cob
2.2
3.5
PF
Vcb= 10V Ie=0 f=1MHz
Current Gain-Bandwidth Product
fT
150
270
MHz
Vce= 5V Ic= 10mA
Noise Figure
NF
10
dB
Vce= 5V Ic= 0.2mA
f=1KHz
Rs=2Kohm
*
Total Device Dissipation : FR=1X0.75X0.062in Board,Derate 25
.
#
Pulse Test : Pulse Width
300uS,Duty cycle
2%
DEVICE MARKING: 2SC2786=L6,F1X
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - 2SC2786

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2786 NEC-2SC2786 Datasheet
286Kb / 4P
NPN SILICON TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
2SC2786 WINNERJOIN-2SC2786_15 Datasheet
71Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - 2SC2786

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com