Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2734 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 2SC2734
Description  TRANSISTOR (NPN)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SC2734 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  2SC2734 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2. 80¡ À0. 05
1. 60¡ À0. 05
2SC2734 TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM :
0.15
W (Tamb=25
℃)
Collector current
ICM:
0.05
A
Collector-base voltage
V(BR)CBO:
20
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=10
µA, IE=0
20
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 1mA, IB=0
11
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 10µA, IC=0
3
V
Collector cut-off current
ICBO
VCB= 10 V , IE=0
0.5
µA
DC current gain
hFE
VCE= 10V, IC= 5mA
20
200
Collector-emitter saturation voltage
VCE(sat)
IC=10mA, IB= 5mA
0.7
V
Transition frequency
fT
VCE=10V, IC= 10mA
1.4
GHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
1.5
pF
Noise figure
NF
VCC=6V, Ic=2mA, fout=30MHz
f=900MHZ, fosc= 930MHz
12
dB
Marking
GC
SOT-23-3L
1. BASE
2. EMITTER
3. COLLECTOR
2SC2734
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - 2SC2734

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC2734 RENESAS-2SC2734 Datasheet
91Kb / 8P
Silicon NPN Epitaxial
logo
Guangdong Kexin Industr...
2SC2734 KEXIN-2SC2734 Datasheet
112Kb / 4P
Silicon NPN Epitaxial
logo
Inchange Semiconductor ...
2SC2734 ISC-2SC2734 Datasheet
138Kb / 4P
isc Silicon NPN RF Transistor
logo
Foshan Blue Rocket Elec...
2SC2734 FOSHAN-2SC2734 Datasheet
600Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
More results

Similar Description - 2SC2734

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com