Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3966 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3966
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3966 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3966 Datasheet HTML 1Page - Allegro MicroSystems 3966 Datasheet HTML 2Page - Allegro MicroSystems 3966 Datasheet HTML 3Page - Allegro MicroSystems 3966 Datasheet HTML 4Page - Allegro MicroSystems 3966 Datasheet HTML 5Page - Allegro MicroSystems 3966 Datasheet HTML 6Page - Allegro MicroSystems 3966 Datasheet HTML 7Page - Allegro MicroSystems 3966 Datasheet HTML 8Page - Allegro MicroSystems 3966 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3966
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
www.allegromicro.com
3
Load Supply Voltage Range
VBB
Operating, IOUT =
±650 mA, L = 3 mH
VCC
—30
V
Output Leakage Current
ICEX
VOUT = 30 V
—
<1.0
50
µA
VOUT = 0 V
—
<-1.0
-50
µA
Output Saturation Voltage
VCE(SAT)
Source Driver, IOUT = -400 mA
—
1.72.0
V
Source Driver, IOUT = -650 mA
—
1.8
2.1
V
Sink Driver, IOUT = +400 mA, VS = 0.5 V
—
0.3
0.5
V
Sink Driver, IOUT = +650 mA, VS = 0.5 V
—
0.4
1.3
V
Clamp Diode Forward Voltage
VF
IF = 400 mA
—
1.1
1.4
V
IF = 650 mA
—
1.4
1.6
V
Motor Supply Current
IBB(ON)
VENABLE1 = VENABLE2 = 0.8 V
—
3.0
5.0
mA
(No Load)
IBB(OFF)
VENABLE1 = VENABLE2 = 2.4 V
—
<1.0
200
µA
ELECTRICAL CHARACTERISTICS at TA = +25
°C, V
BB = 30 V, VCC = 4.75 V to 5.5 V, VREF = 2 V,
VS = 0 V, 56 k
Ω & 680 pF RC to Ground (unless noted otherwise)
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Drivers
Logic Supply Voltage Range
VCC
Operating
4.75
—
5.50
V
Logic Input Voltage
VIN(1)
2.4
—
—
V
VIN(0)
—
—
0.8
V
Logic Input Current
IIN(1)
VIN = 2.4 V
—
<1.0
20
µA
IIN(0)
VIN = 0.8 V
—
<-20
-200
µA
Reference Input Volt. Range
VREF
Operating
0.1
–
2.0
V
Reference Input Current
IREF
-2.5
0
1.0
µA
Reference Divider Ratio
VREF/VTRIP
3.8
4.0
4.2
—
Current-Sense Comparator
VIO
VREF = 0 V
-6.0
0
6.0
mV
Input Offset Voltage
Current-Sense Comparator
VS
Operating
-0.3
—
1.0
V
Input Voltage Range
Sense-Current Offset
ISO
IS – IOUT, 50 mA
≤ IOUT ≤ 650 mA
12
18
24
mA
Control Logic
NOTES:1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com