Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4255 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 4255
Description  8-BIT MICROCONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

4255 Datasheet(HTML) 2 Page - Allegro MicroSystems

  4255 Datasheet HTML 1Page - Allegro MicroSystems 4255 Datasheet HTML 2Page - Allegro MicroSystems 4255 Datasheet HTML 3Page - Allegro MicroSystems 4255 Datasheet HTML 4Page - Allegro MicroSystems 4255 Datasheet HTML 5Page - Allegro MicroSystems 4255 Datasheet HTML 6Page - Allegro MicroSystems 4255 Datasheet HTML 7Page - Allegro MicroSystems 4255 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4255
8-BIT
MICROCONTROLLER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 2000, Allegro MicroSystems, Inc.
A4255CLN
0.65 mm (0.026”) pitch
RECOMMENDED OPERATING CONDITIONS
over operating temperature range
Logic Supply Voltage Range, VDD ............... 4.5 V to 5.5 V
High-Level Input Voltage, VIH ............................ ≥ 0.85VDD
Low-level input voltage, VIL ................................. ≤0.15VDD
Dwg. PP-071-1
PFDA
PHASEA
PFDB
PHASEB
MONITOR OUT
SHIFT CLOCK
SERIAL DATA OUT
STROBE OUT
MODE SELECT0
DIRECTION
CONTROL IN
OSC/CLOCK IN
OSC/CLOCK OUT
SUPPLY
VDD
GROUND
MODE SELECT1
MODE SELECT2
STEP IN
RESET
19
15
6
1
2
3
4
5
10
14
13
12
11
20
18
17
16
9
8
79
SUPPLY
VDD
GROUND
To ease and simplify the design effort, the user only
provides the following signals: (a) direction, (b) stepping
clock (8x the full-step frequency), (c) mode logic (three
inputs determine the operation for full, half, quarter, or
eighth stepping), (d) reset input (initiates a ‘detent’
position), and (e) recirculation control (this allows estab-
lishing the percent of fast- vs slow-decay in the phase
winding). The microcontroller program providess auto-
matic recirculation control. This eliminates the need for
evaluating the impact of stepping rate vs the sinusoidal
current profile.
Although recirculation control can provide slight
improvements (i.e., lower current ripple, reduced motor
heating [a few degrees], and diminish audible noise levels
[minimal differences]), this entails an evaluation of the
motor (and step frequencies) to determine the proper ratio
of fast- and slow-decay. The benefits of tuning the
recirculation ratios are small, and the time and effort
required can be considerable. Hence, the uninitiated user
should opt for the automatic recirculation control, and
avoid the essentially unnecessary activity.
FUNCTIONAL DESCRIPTION
MICROCONTROLLER OPERATION
Although ‘hardware’ control of the microstepping ICs
is feasible, without a specific (ASIC), monolithic IC
controller the prime solution becomes a ‘software’ option.
From the user’s perspective, a ‘preprogrammed’ micro-
controller appears little, or no, different than a ‘dedicated’
controller and sequencer IC expressly created for mi-
crostepping applications of the power-driver ICs. Further,
the flexibility of a software-based drive is certainly a basic
benefit (high-volume production of 8-bit microcontrollers
transposes to low-cost circuitry).
As an indicator of the logic signals needed to control
the power ICs, Table 1 lists the required A3955 inputs to
the 3-bit DAC for eighth-step operation (the similar
A3957 uses a 4-bit DAC for sixteenth-step operation).
These I/O signals are serial data from the microcontroller,
then converted to a parallel mode by a 74HC595 as the
‘interface’ between the microcontroller and the two
microstepping power ICs.
The versatility offered by software control allows the
operating modes listed in Table 1. This table itemizes the
various logic inputs that determine direction, stepping



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com