Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5347 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 5347
Description  SMOKE DETECTOR WITH INTERCONNECT AND TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5347 Datasheet(HTML) 5 Page - Allegro MicroSystems

  5347 Datasheet HTML 1Page - Allegro MicroSystems 5347 Datasheet HTML 2Page - Allegro MicroSystems 5347 Datasheet HTML 3Page - Allegro MicroSystems 5347 Datasheet HTML 4Page - Allegro MicroSystems 5347 Datasheet HTML 5Page - Allegro MicroSystems 5347 Datasheet HTML 6Page - Allegro MicroSystems 5347 Datasheet HTML 7Page - Allegro MicroSystems 5347 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TYPICAL APPLICATION
Alarm Circuitry. If smoke is detected, the
oscillator period changes to 40 ms and the
horn is enabled. The horn output is typically
160 ms ON, 80 ms OFF. During the OFF
time, smoke is again checked and will inhibit
further alarm output if smoke is not sensed.
During smoke conditions the low battery
alarm is inhibited and the LED is driven at a
1 Hz rate.
Sensitivity Adjust. The detector sensitivity
to smoke is set internally by a voltage divider
connected between VDD and VSS. The
sensitivity can be externally adjusted to the
individual characteristics of the ionization
chamber by connecting a resistor between
pin 13 and VDD, or between pin 13 and VSS.
Low Battery. The low battery threshold is
set internally by a voltage divider connected
between VDD and VSS. The threshold can be
increased by connecting a resistor between
pin 3 and VDD. The threshold can be de-
creased by connecting a resistor between
pin 3 and VSS. The battery voltage level is
checked every 40 seconds during the 10 mA,
10 ms LED pulse. If an LED is not used, it
should be replaced with an equivalent
resistor (typically 500
Ω to 1000 Ω) such that
the battery loading remains at 10 mA.
Timer. An internal timer is provided that can
be used in various configurations to allow for
a period of reduced smoke detector sensitiv-
ity (“hush”). When a high-to-low transition
occurs at pin 1, the internal timer is reset,
the timer mode enabled, and the circuit reset
to a no alarm condition. The LED will flash
at a 10 second rate. If the level of smoke is
increased such that the reduced sensitivity
level is reached, the device will go into the
alarm condition. The timer, however, will
continue to completion of the nominal 10-1/4
minute period (368 clock cycles). If the timer
mode is not used, pin 1 should be tied low.
I/O. A connection is provided at pin 2 to allow multiple smoke detec-
tors to be commoned. If any single unit detects smoke (I/O is driven
high), all connected units will sound their associated horns after a
nominal 3 second delay. The LED is suppressed when an alarm is
signaled from an interconnected unit.
Testing. On power up, all internal counters are reset. Internal test
circuitry allows for low battery check by holding pins 8 and 12 low
during power up, then reducing VDD and monitoring HORN1 (pin 10).
All functional tests can be accelerated by driving pin 12 with a 2 kHz
square wave. The 10 ms strobe period must be maintained for proper
operation of the comparator circuitry.
TIMER
MODE
TO
OTHER
UNITS
NOTE
1
NOTE
3
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
LOGIC
OSC. &
TIMING
HORN
DRIVER
V DD
Dwg. EC-005-2
VSS
9 V
NOTE 2
200 k
Ω
200
Ω
8.2 M
Ω
1
µF
0.1
µF
PUSH
TO
TEST
0.001
µF
330
Ω
NOTE 4
NOTE 1: Use an external resistor to adjust sensitivity for a particular smoke
chamber.
NOTE 2: Select resistor to reduce sensitivity during timer mode.
NOTE 3: A resistor to ground or V
DD
may be added to this pin to modify low battery
voltage threshold.
NOTE 4: Reverse battery protection must be supplied externally.
5347
SMOKE DETECTOR
with INTERCONNECT
and TIMER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com