Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6661EB Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6661EB
Description  High Frequency 200mA Charge Pump Inverter or Doubler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6661EB Datasheet(HTML) 3 Page - Sipex Corporation

  SP6661EB Datasheet HTML 1Page - Sipex Corporation SP6661EB Datasheet HTML 2Page - Sipex Corporation SP6661EB Datasheet HTML 3Page - Sipex Corporation SP6661EB Datasheet HTML 4Page - Sipex Corporation SP6661EB Datasheet HTML 5Page - Sipex Corporation SP6661EB Datasheet HTML 6Page - Sipex Corporation SP6661EB Datasheet HTML 7Page - Sipex Corporation SP6661EB Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Date: 09/16/04
SP6661 High Frequency 200mA Charge Pump Inverter or Doubler
© Copyright 2004 Sipex Corporation
3
NOTE 1: Specified output resistance is a combination of internal switch resistance and capacitor ESR.
NOTE 2: In the test circuit capacitors C1, C2 and C3 are 22µF, 0.05 maximum ESR, ceramic or 3.3µF, 0.05Ω
maximum ESR, ceramic. Capacitors with higher ESR may reduce output voltage and efficiency. Refer to Capacitor
Selection section.
NOTE 3: Specified output resistance is a combination of internal switch resistance and capacitor ESR. Refer to
Optimizing Capacitor Selection.
ELECTRICAL CHARACTERISTICS
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
s
r
o
t
i
c
a
p
a
C
F
µ
3
.
3
h
t
i
w
y
c
n
e
u
q
e
r
F
h
g
i
H
t
a
t
i
u
c
r
i
C
r
e
t
r
e
v
n
I
T
,
D
N
G
=
V
L
,
+
V
=
C
F
,
F
µ
3
.
3
=
3
C
=
2
C
=
1
C
,
V
0
.
5
+
=
+
V
B
M
A
T
=
N
I
M
T
o
t
X
A
M
o
t
r
e
f
e
r
;
1
e
r
u
g
i
F
.
t
i
u
c
r
i
c
t
s
e
t
2
e
t
o
N
e
g
n
a
R
e
g
a
t
l
o
V
y
l
p
p
u
S5
.
13
.
5V
R
L
0
0
5
=
Ω
e
g
a
t
l
o
V
p
U
-
t
r
a
t
S3
9
.
0V
t
n
e
r
r
u
C
y
l
p
p
u
S0
18
1A
md
a
o
L
o
N
t
n
e
r
r
u
C
t
u
p
t
u
O
x
a
M0
0
2A
m
t
n
e
r
r
u
C
t
u
p
n
I
r
o
t
a
ll
i
c
s
O8
±A
µ
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O0
0
50
0
90
5
2
1z
H
k
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O5
7
Ω
I
L
3
e
t
o
N
,
A
m
0
0
1
=
y
c
n
e
i
c
i
f
f
E
n
o
i
s
r
e
v
n
o
C
e
g
a
t
l
o
V0
.
9
96
.
9
9%
d
a
o
L
o
N
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P8
7
5
6
4
8
9
7
%
I
L
A
m
0
0
1
=
I
L
A
m
0
0
2
=
s
r
o
t
i
c
a
p
a
C
F
µ
3
.
3
h
t
i
w
y
c
n
e
u
q
e
r
F
h
g
i
H
t
a
t
i
u
c
r
i
C
r
e
l
b
u
o
D
T
,
D
N
G
=
V
L
,
+
V
=
C
F
,
F
µ
3
.
3
=
3
C
=
2
C
=
1
C
,
V
0
.
5
+
=
+
V
B
M
A
T
=
N
I
M
T
o
t
X
A
M
o
t
r
e
f
e
r
;
2
e
r
u
g
i
F
.
t
i
u
c
r
i
c
t
s
e
t
2
e
t
o
N
e
g
n
a
R
e
g
a
t
l
o
V
y
l
p
p
u
S5
.
23
.
5V
R
L
k
1
=
Ω
e
g
a
t
l
o
V
p
U
-
t
r
a
t
S5
.
1V
t
n
e
r
r
u
C
y
l
p
p
u
S0
18
1A
md
a
o
L
o
N
t
n
e
r
r
u
C
t
u
p
t
u
O
x
a
M0
0
2A
m
t
n
e
r
r
u
C
t
u
p
n
I
r
o
t
a
ll
i
c
s
O8
±A
µ
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O0
0
50
0
90
5
2
1z
H
k
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O5
.
47
Ω
I
L
3
e
t
o
N
,
A
m
0
0
1
=
y
c
n
e
i
c
i
f
f
E
n
o
i
s
r
e
v
n
o
C
e
g
a
t
l
o
V0
.
9
99
.
9
9%
d
a
o
L
o
N
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P7
8
9
7
2
9
9
8
%
I
L
A
m
0
0
1
=
I
L
A
m
0
0
2
=



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com