Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL60P Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # LL60P
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

LL60P Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  LL60P Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD LL60P Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
Schottky Barrier Diode
Features
1.
High reliability
2.
Low reverse current and low forward voltage
Applications
Low current rectification and high speed switching
Construction
Silicon epitaxial planar
Absolute Maximum Ratings
Tj=25℃
Parameter
Test Conditions
Type
Symbol
Value
Unit
LL60
VRRM
40
V
Repetitive peak reverse voltage
LL60P
VRRM
45
V
LL60
IFSM
150
mA
Peak forward surge current
tp 1 s
LL60P
IFSM
500
mA
LL60
IF
30
mA
Forward continuous current
Ta=25℃
LL60P
IF
50
mA
Storage temperature range
Tstg
-65~+125
℃
Maximum Thermal Resistance
Tj=25℃
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on PC board 50mm×50mm×1.6mm
RthJA
250
K/W
LL60/LL60P
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - LL60P

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
LL60P WEITRON-LL60P Datasheet
185Kb / 3P
Schottky Barrier Diodes
logo
Jinan Jingheng (Group) ...
LL60P JINANJINGHENG-LL60P Datasheet
97Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
LL60P MCC-LL60P Datasheet
400Kb / 3P
Schottky Barrier Rectifier
logo
Tak Cheong Electronics ...
LL60P TAK_CHEONG-LL60P Datasheet
321Kb / 3P
500 mW Surface Mount LL-34 Hermetically Sealed Glass Small Signal Schottky Diode
logo
Gaomi Xinghe Electronic...
LL60P GXELECTRONICS-LL60P Datasheet
457Kb / 3P
SMALL SINGAL SCHOTTKY DIODES
More results

Similar Description - LL60P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com