Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5822 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 5822
Description  BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5822 Datasheet(HTML) 4 Page - Allegro MicroSystems

  5822 Datasheet HTML 1Page - Allegro MicroSystems 5822 Datasheet HTML 2Page - Allegro MicroSystems 5822 Datasheet HTML 3Page - Allegro MicroSystems 5822 Datasheet HTML 4Page - Allegro MicroSystems 5822 Datasheet HTML 5Page - Allegro MicroSystems 5822 Datasheet HTML 6Page - Allegro MicroSystems 5822 Datasheet HTML 7Page - Allegro MicroSystems 5822 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5821 AND 5822
8-BIT SERIAL-INPUT,
LATCHED DRIVERS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TIMING CONDITIONS
(VDD = 5.0 V, TA = +25
°C, Logic Levels are V
DD and Ground)
A.
Minimum Data Active Time Before Clock Pulse
(Data Set-Up Time) ....................................................................... 75 ns
B.
Minimum Data Active Time After Clock Pulse
(Data Hold Time) ........................................................................... 75 ns
C.
Minimum Data Pulse Width .............................................................. 150 ns
D.
Minimum Clock Pulse Width ............................................................ 150 ns
E.
Minimum Time Between Clock Activation and Strobe ....................... 30 ns
F.
Minimum Strobe Pulse Width ........................................................... 100 ns
G.
Typical Time Between Strobe Activation and
Output Transition .......................................................................... 1.0
µs
TRUTH TABLE
Serial
Shift Register Contents
Serial
Latch Contents
Output Contents
Data
Clock
Data
Strobe
Output
Input
Input I1
I2
I3
.............. I8
Output
Input
I1
I2
I3
.............. I8
Enable
I1 I2 I3 ..............
I8
HH
R1 R2 .............. R7
R7
LL
R1 R2 .............. R7
R7
XR1 R2 R3 .............. R8
R8
X
X
X
.............. X
X
L
R1 R2 R3 .............. R8
P1 P2 P3 .............. P8
P8
HP1 P2 P3 .............. P8
LP1 P2 P3 .............. P8
X
X
X
.............. X
H
H
H
H
..............
H
L = Low Logic Level
H = High Logic Level
X = Irrelevant
P = Present State
R = Previous State
Dwg. No. A-12,627
Serial Data present at the input is
transferred to the shift register on the
logic “0” to logic “1” transition of the
CLOCK input pulse. On succeeding
CLOCK pulses, the registers shift data
information towards the SERIAL DATA
OUTPUT. The SERIAL DATA must
appear at the input prior to the rising edge
of the CLOCK input waveform.
Information present at any register is
transferred to its respective latch when the
STROBE is high (serial-to-parallel con-
version). The latches will continue to
accept new data as long as the STROBE
is held high. Applications where the
latches are bypassed (STROBE tied high)
will require that the ENABLE input be
high during serial data entry.
When the ENABLE input is high, all
of the output buffers are disabled (OFF)
without affecting the information stored
in the latches or shift register. With the
ENABLE input low, the outputs are
controlled by the state of the latches.
A
D
B
C
E
F
CLOCK
DATA IN
STROBE
OUTPUT
ENABLE
OUTN
G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com