Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5890 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 5890
Description  BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5890 Datasheet(HTML) 3 Page - Allegro MicroSystems

  5890 Datasheet HTML 1Page - Allegro MicroSystems 5890 Datasheet HTML 2Page - Allegro MicroSystems 5890 Datasheet HTML 3Page - Allegro MicroSystems 5890 Datasheet HTML 4Page - Allegro MicroSystems 5890 Datasheet HTML 5Page - Allegro MicroSystems 5890 Datasheet HTML 6Page - Allegro MicroSystems 5890 Datasheet HTML 7Page - Allegro MicroSystems 5890 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5890 AND 5891
8-BIT SERIAL-INPUT,
LATCHED SOURCE DRIVERS
www.allegromicro.com
ELECTRICAL CHARACTERISTICS at T
A
= +25
°C, V
BB
= 80 V (UCN5890A/LW) or 50 V
(UCN5891A/LW), V
DD
= 5 V and 12 V (unless otherwise noted).
Limits
Characteristic
Symbol
V
BB
Test Conditions
Min.
Max.
Units
Output Leakage Current
ICEX
Max.
TA = +25°C
—
-50
µA
TA = +70°C
—
-100
µA
Output Saturation Voltage
VCE(SAT)
50 V
IOUT = -100 mA
—
1.8
V
IOUT = -225 mA
—
1.9
V
IOUT = -350 mA
—
2.0
V
Output Sustaining Voltage
VCE(sus)
Max.
IOUT = -350 mA, L = 2 mH, UCN5891A/LW
35
—
V
IOUT = -350 mA, L = 2 mH, UCN5890A/LW
50
—
V
Input Voltage
VIN(1)
50 V
VDD = 5.0 V
3.5
5.3
V
VDD = 12 V
10.5
12.3
V
VIN(0)
50 V
VDD = 5 V to 12 V
-0.3
+0.8
V
Input Current
IIN(1)
50 V
VDD = VIN = 5.0 V
—
50
µA
VDD = VIN = 12 V
—
240
µA
Input lmpedance
ZIN
50 V
VDD = 5.0 V
100
—
k
Ω
VDD = 12 V
50
—
k
Ω
Max. Clock Frequency
fc
50 V
3.3*
—
MHz
Serial Data Output
ROUT
50 V
VDD = 5.0 V
—
20
k
Ω
Resistance
VDD = 12 V
—
6.0
k
Ω
Turn-On Delay
tPLH
50 V
Output Enable to Output, IOUT = -350 mA
—
2.0
µs
Turn-Off Delay
tPHL
50 V
Output Enable to Output, IOUT = -350 mA
—
10
µs
Supply Current
IBB
50 V
All outputs on, All outputs open
—
10
mA
All outputs off
—
200
µA
lDD
50 V
VDD = 5 V, All outputs off, Inputs = 0 V
—
100
µA
VDD = 12 V, All outputs off, Inputs = 0 V
—
200
µA
VDD = 5 V, One output on, All Inputs = 0 V
—
1.0
mA
VDD = 12 V, One output on, All Inputs = 0 V
—
3.0
mA
Diode Leakage Current
IR
Max.
TA = +25°C
—
50
µA
TA = +70°C
—
100
µA
Diode Forward Voltage
VF
Open
IF = 350 mA
—
2.0
V
NOTES: Turn-off delay is influenced by load conditions. Systems applications well below the specified output loading may require
timing considerations for some designs, i.e., multiplexed displays or when used in combination with sink drivers in a totem
pole configuration.
Positive (negative) current is defined as going into (coming out of) the specified device pin.
* Operation at a clock frequency greater than the specified minimum value is possible but not warranteed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com