Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF81GS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # HF81GS
Description  X Capacitor Bleeder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HF81GS Datasheet(HTML) 2 Page - Monolithic Power Systems

  HF81GS Datasheet HTML 1Page - Monolithic Power Systems HF81GS Datasheet HTML 2Page - Monolithic Power Systems HF81GS Datasheet HTML 3Page - Monolithic Power Systems HF81GS Datasheet HTML 4Page - Monolithic Power Systems HF81GS Datasheet HTML 5Page - Monolithic Power Systems HF81GS Datasheet HTML 6Page - Monolithic Power Systems HF81GS Datasheet HTML 7Page - Monolithic Power Systems HF81GS Datasheet HTML 8Page - Monolithic Power Systems HF81GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HF81 – X CAPACITOR BLEEDER
HF81 Rev. 1.12
www.MonolithicPower.com
2
11/15/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
HF81GS
SOIC8
HF81
* For Tape & Reel, add suffix –Z (e.g. HF81GS–Z);
PACKAGE REFERENCE
NC
L1
L1
NC
NC
L2
L2
NC
1
2
3
4
8
7
6
5
TOP VIEW
ABSOLUTE MAXIMUM RATINGS
(2)
L1-L2 Pin Voltage .................................... 1000V
Storage Temperature................. -65°C to 150°C
Lead Temperature ....................................260°C
Continuous Power Dissipation (TA = +25°C)
(3)
………………………………………………...1.4W
Single Avalanche Energy....................... 70μJ
(4)
Avalanche Current .................................80mA
(4)
Junction Temperature...............................150°C
Recommended Operating Conditions
(5)
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(6)
θJA
θJC
SOIC8..................................... 90 ...... 45... °C/W
Notes:
2) Exceeding these ratings may damage the device.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) L=5mH, Vgs=10V, VDD=1.4V
5) The device is not guaranteed to function outside of its
operating conditions.
6) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com