Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR2000 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # HR2000
Description  Fluorescent Lamp HB Driver with PFC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HR2000 Datasheet(HTML) 4 Page - Monolithic Power Systems

  HR2000 Datasheet HTML 1Page - Monolithic Power Systems HR2000 Datasheet HTML 2Page - Monolithic Power Systems HR2000 Datasheet HTML 3Page - Monolithic Power Systems HR2000 Datasheet HTML 4Page - Monolithic Power Systems HR2000 Datasheet HTML 5Page - Monolithic Power Systems HR2000 Datasheet HTML 6Page - Monolithic Power Systems HR2000 Datasheet HTML 7Page - Monolithic Power Systems HR2000 Datasheet HTML 8Page - Monolithic Power Systems HR2000 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
HR2000 — FLUORESCENT LAMP HB DRIVER WITH PFC
HR2000 Rev. 1.0
www.MonolithicPower.com
4
2/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
LIMITING VALUE
(1)
Condition
Symbol
Min.
Max.
Unit
A
High side floating supply voltage
Operation
Vbst
630
V
B
Voltage at SW
Vsw
-3
630
V
C
Voltage at pin CS
Note7
Vcs
-0.5
VBE
V
D
Current in pin CS
t<1.0µs, note4
Ics
-10
10
mA
E
Voltage at pin UG
Note7
VUG
Vsw-VBE
VBST
V
F
Voltage at pin LG
Note7
VLG
-VBE
Vvcc
V
G
Low voltage supply
t<0.5s over lifetime
Vvcc
0
15
V
H
Low voltage supply
Vvcc
0
14
V
I
Clamp current in pin VCC
In fault state
Ivcc
5
mA
I
Voltage at pin ZCD
Vzcd
-7
7
V
J
Voltage at pin OVC
VOVC
0
5
V
K
Current in pin VO
Vvcc=0 to Vvccmax
Ivo
0
200
µA
L
Current in pin CT
Vvcc=0 to Vvccmax
ICT
0
200
µA
M Current in pin CP/EOL
Vvcc=0 to Vvccmax
Note9
IEOL
-1
1
mA
N
Slew rate at pins SW,HG and BST
With
respect
to
ground
SR
-4
4
V/ns
O
Junction temperature
Tj
150
°C
P
Ambient temperature
Tamb
-40
125
°C
Q
Storage temperature
Tstg
-55
150
°C
R
HBM electrostatic handling voltage
SW,HG,BST,VCC and LG
VO, OVC, CT, FC, CP/EOL, REF, Pre/FT,
CS, ZCD, GATE
Note5
Vesd(HBM)
2000
V
V
S
MM electrostatic handling voltage
Pins Pre/FT
Note6
Vesd(MM)
150
V
Pins VO, OVC, CT, FC, CP/EOL, REF, CS,
ZCD, GATE, SW,HG,BST,VCC and LG
200
V
T
Charge coupling at pins REF and CT
Operating
Qcoupl
-8
8
pC
U
Reference resistor
RREF
36
91
k
Recommended Operating Conditions
(3)
Supply Voltage VCC ........................ 10V to 12V
Analog inputs and outputs ............ -0.3V to 6.5V
Operating Junction Temp (TJ) . -40°C to + 125°C
Thermal Resistance
(4)
θJA
θJC
SOIC16...................................80.......35 ...°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by D(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its operating
conditions.
4) Measured on JESD51-7, 4-layer PCB
5) In accordance with the Human Mody Model (HBM), i.e.
equivalent to discharging a 100pF capacitor through a 1.5k
series resistor
6) In accordance with the Mancine Model (MM), i.e. equivalent to
discharging a 200pF capacitor through a 10
series resistor
and a 0.75µH inductor.
7) At Tamb=25°C the typical VBE IS 0.7V.
8) At negative CS currents (typ<-5mA) the capacitive mode
protection can be triggered.
9) When EOL detection is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com