Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1469 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1469
Description  High-Efficiency, 1.5A, 16V, 500kHz Synchronous, Step-Down Converter In 6 Pin SOT 23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1469 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP1469 Datasheet HTML 2Page - Monolithic Power Systems MP1469 Datasheet HTML 3Page - Monolithic Power Systems MP1469 Datasheet HTML 4Page - Monolithic Power Systems MP1469 Datasheet HTML 5Page - Monolithic Power Systems MP1469 Datasheet HTML 6Page - Monolithic Power Systems MP1469 Datasheet HTML 7Page - Monolithic Power Systems MP1469 Datasheet HTML 8Page - Monolithic Power Systems MP1469 Datasheet HTML 9Page - Monolithic Power Systems MP1469 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MP1469 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1469 Rev. 1.01
www.MonolithicPower.com
6
8/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, L = 6.5µH, TA = +25°C, unless otherwise noted.
VOUT
2V/div.
VSW
5V/div.
VIN
10V/div.
IL
500mA/div.
VOUT
2V/div.
VSW
5V/div.
VIN
10V/div.
IL
1A/div.
VOUT
2V/div.
VSW
10V/div.
VEN
2V/div.
IL
1A/div.
VOUT
2V/div.
VSW
10V/div.
VEN
2V/div.
IL
1A/div.
VOUT/AC
50mV/div.
VSW
10V/div.
VIN/AC
200mV/div.
IL
1A/div.
VOUT
2V/div.
VSW
10V/div.
VEN
2V/div.
IL
500mA/div.
VOUT
2V/div.
VSW
10V/div.
VEN
2V/div.
IL
500mA/div.
VOUT
2V/div.
VSW
5V/div.
VIN
10V/div.
IL
1A/div.
VOUT
2V/div.
VSW
5V/div.
VIN
10V/div.
IL
200mA/div.
Startup through
Input Voltage
IOUT = 0A
Shutdown through
Input Voltage
IOUT = 0A
Startup through
Input Voltage
IOUT = 1.5A
Shutdown through
Input Voltage
IOUT = 1.5A
Startup through Enable
IOUT = 0A
Shutdown through Enable
IOUT = 0A
Startup through Enable
IOUT = 1.5A
Shutdown through Enable
IOUT = 1.5A
Input/Output Ripple
IOUT = 1.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com