Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1482 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1482
Description  2A, 18V Synchronous Rectified Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1482 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1482 Datasheet HTML 1Page - Monolithic Power Systems MP1482 Datasheet HTML 2Page - Monolithic Power Systems MP1482 Datasheet HTML 3Page - Monolithic Power Systems MP1482 Datasheet HTML 4Page - Monolithic Power Systems MP1482 Datasheet HTML 5Page - Monolithic Power Systems MP1482 Datasheet HTML 6Page - Monolithic Power Systems MP1482 Datasheet HTML 7Page - Monolithic Power Systems MP1482 Datasheet HTML 8Page - Monolithic Power Systems MP1482 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP1482
2A, 18V Synchronous Rectified
Step-Down Converter
MP1482 Rev. 1.31
www.MonolithicPower.com
1
7/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1482 is a monolithic synchronous buck
regulator. The device integrates two 130mΩ
MOSFETs, and provides 2A of continuous load
current over a wide input voltage of 4.75V to
18V. Current mode control provides fast
transient response and cycle-by-cycle current
limit.
An adjustable soft-start prevents inrush current
at turn-on, and in shutdown mode the supply
current drops to 1µA.
This device, available in an 8-pin SOIC
package, provides a very compact solution with
minimal external components.
FEATURES
 2A Output Current
 Wide 4.75V to 18V Operating Input Range
 Integrated 130mΩ Power MOSFET Switches
 Output Adjustable from 0.923V to 15V
 Up to 93% Efficiency
 Programmable Soft-Start
 Stable with Low ESR Ceramic Output Capacitors
 Fixed 340kHz Frequency
 Cycle-by-Cycle Over Current Protection
 Input Under Voltage Lockout
 8–Pin SOIC
APPLICATIONS
 Distributed Power Systems
 Networking Systems
 FPGA, DSP, ASIC Power Supplies
 Green Electronics/ Appliances
 Notebook Computers
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
INPUT
MP1482
BS
IN
FB
SW
SS
GND
COMP
EN
1
2
3
5
6
4
8
7
100
95
90
85
80
75
70
65
60
55
50
0
1.0
2.0
2.5
1.5
0.5
LOAD CURRENT (A)
Efficiency vs
Load Current
VOUT = 3.3V
VOUT = 2.5V


Similar Part No. - MP1482

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MP1482 KEXIN-MP1482 Datasheet
1Mb / 4P
2A, 18V Synchronous Rectified Step-Down Converter
logo
ARTSCHIP ELECTRONICS CO...
MP1482 ARTSCHIP-MP1482 Datasheet
2Mb / 10P
Synchronous Rectified Step-Down Converter
MP1482DS ARTSCHIP-MP1482DS Datasheet
2Mb / 10P
Synchronous Rectified Step-Down Converter
More results

Similar Description - MP1482

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2305 MPS-MP2305 Datasheet
298Kb / 10P
2A, 23V Synchronous Rectified Step-Down Converter
MP29296 MPS-MP29296 Datasheet
301Kb / 10P
2A, 23V Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3283A E-CMOS-EC3283A Datasheet
817Kb / 13P
2A, 23V, Synchronous-Rectified Step-Down Converter
EC3292B E-CMOS-EC3292B Datasheet
413Kb / 14P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
logo
Monolithic Power System...
MP1472 MPS-MP1472 Datasheet
453Kb / 13P
2A, 18V Synchronous Rectified Step-Down Converter
MP2305S MPS-MP2305S Datasheet
303Kb / 12P
2A, 23V Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1519 TECHCODE-TD1519 Datasheet
939Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
TD1519A TECHCODE-TD1519A Datasheet
946Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
logo
Guangdong Kexin Industr...
MP1482 KEXIN-MP1482 Datasheet
1Mb / 4P
2A, 18V Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1482A UTC-P1482A Datasheet
336Kb / 5P
2A, 18V, 365KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com