Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1492DS Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1492DS
Description  2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1492DS Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1492DS Datasheet HTML 8Page - Monolithic Power Systems MP1492DS Datasheet HTML 9Page - Monolithic Power Systems MP1492DS Datasheet HTML 10Page - Monolithic Power Systems MP1492DS Datasheet HTML 11Page - Monolithic Power Systems MP1492DS Datasheet HTML 12Page - Monolithic Power Systems MP1492DS Datasheet HTML 13Page - Monolithic Power Systems MP1492DS Datasheet HTML 14Page - Monolithic Power Systems MP1492DS Datasheet HTML 15Page - Monolithic Power Systems MP1492DS Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP1492 – 2A, 4.2V-16V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER
MP1492 Rev. 1.1
www.MonolithicPower.com
12
3/13/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
over and under voltage on the output. When the
FB voltage is higher than 125% of the REF
voltage, it’ll trigger OVP. Once it triggers OVP,
the LS-FET is always on, while the HS-FET is off.
It needs power cycle to power up again. When
the FB voltage is below 50% of the REF voltage
(0.805V), UVP will be triggered. Usually UVP
comes with current limit is hit, hence it results in
SCP.
UVLO protection
MP1492 has under-voltage lock-out protection
(UVLO). When the input voltage is higher than
the UVLO rising threshold voltage, the MP1492
powers up. It shuts off when the input voltage is
lower than the UVLO falling threshold voltage.
This is non-latch protection.
Thermal Shutdown
Thermal shutdown is employed in MP1492. The
junction temperature of the IC is monitored
internally. If the junction temperature exceeds the
threshold value (typically 150ºC), the converter
shuts off. This is non-latch protection. There is
about 25ºC hysteresis. Once the junction
temperature drops around 125ºC, it initiates a SS.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com