Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1493 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1493
Description  3A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1493 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1493 Datasheet HTML 1Page - Monolithic Power Systems MP1493 Datasheet HTML 2Page - Monolithic Power Systems MP1493 Datasheet HTML 3Page - Monolithic Power Systems MP1493 Datasheet HTML 4Page - Monolithic Power Systems MP1493 Datasheet HTML 5Page - Monolithic Power Systems MP1493 Datasheet HTML 6Page - Monolithic Power Systems MP1493 Datasheet HTML 7Page - Monolithic Power Systems MP1493 Datasheet HTML 8Page - Monolithic Power Systems MP1493 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP1493
3A, 4.2V-16V Input, Fast Transient
Synchronous Step-down Converter
MP1493 Rev. 1.15
www.MonolithicPower.com
1
12/9/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1493 is a fully integrated, high–
efficiency 3A synchronous rectified step-down
converter. The MP1493 operates at high
efficiency over a wide output current load range.
Adaptive
Constant-On-Time
(COT)
control
mode provides fast transient response, eases
loop stabilization, and operates with a low-cost
electrolytic capacitor.
The MP1493 requires a minimum number of
readily available standard external components
and is available in an 8-pin SOIC ROHS
compliant package.
FEATURES
• Wide 4.2V to 16V Operating Input Range
• 3A Output Current
• Adaptive COT for Fast Transient
Response
• Low RDS(ON) Internal Power MOSFETs
• Proprietary Switching Loss Reduction
Technique
• Programmable Switching Frequency
• OCP, SCP, OVP, UVP Protection and
Thermal Shutdown
• Optional OCP Protection: Latch-off Mode
and Hiccup Mode
• Output Adjustable from 0.805V to 13V
APPLICATIONS
•
Digital Set Top Boxes
•
Flat Panel Television and Monitors
•
Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
6
7
8
2
3
1
4
R7
453k
499k
MP1493
VIN
ON/OFF
5
VOUT 2.5V
R1
41k
R2
20k
IN
FREQ
BYP
EN
GND
FB
SW
BST


Similar Part No. - MP1493

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1492 MPS-MP1492 Datasheet
457Kb / 18P
2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP1492DS MPS-MP1492DS Datasheet
457Kb / 18P
2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP1492DS-A MPS-MP1492DS-A Datasheet
457Kb / 18P
2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1494DJ MPS-MP1494DJ Datasheet
402Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
More results

Similar Description - MP1493

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1492 MPS-MP1492 Datasheet
457Kb / 18P
2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP2212 MPS-MP2212 Datasheet
613Kb / 14P
16V, 3A, 600kHz Synchronous Step-Down Converter
MP28248 MPS-MP28248 Datasheet
747Kb / 19P
High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
MP28257 MPS-MP28257 Datasheet
592Kb / 16P
4A, Fast Transient, 4.2V-to-20V Input Synchronous Step-Down Converter 2mmx3mm QFN12
MP28258 MPS-MP28258 Datasheet
869Kb / 18P
High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28258-A MPS-MP28258-A Datasheet
869Kb / 18P
High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
logo
SHANGHAI BELLING CO., L...
BL8033 BELLING-BL8033 Datasheet
1Mb / 8P
500KHz, 16V, 3A Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM8113B HMSEMI-HM8113B Datasheet
949Kb / 9P
3A,4.5V-16V Input,500kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7273C ACE-ACE7273C Datasheet
154Kb / 3P
500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
ACE7316LA ACE-ACE7316LA Datasheet
560Kb / 6P
500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com