Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1496 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP1496
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1496 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP1496 Datasheet HTML 3Page - Monolithic Power Systems MP1496 Datasheet HTML 4Page - Monolithic Power Systems MP1496 Datasheet HTML 5Page - Monolithic Power Systems MP1496 Datasheet HTML 6Page - Monolithic Power Systems MP1496 Datasheet HTML 7Page - Monolithic Power Systems MP1496 Datasheet HTML 8Page - Monolithic Power Systems MP1496 Datasheet HTML 9Page - Monolithic Power Systems MP1496 Datasheet HTML 10Page - Monolithic Power Systems MP1496 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MP1496 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1496 Rev. 1.05
www.MonolithicPower.com
7
12/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
SS
Soft-Start. Connect an external capacitor to program the soft start time for the switch
mode regulator.
2
IN
Supply Voltage. The MP1496 operates from a 4.5V-to-16V input rail. C1 decouples the
input rail. Use wide PCB trace to make the connection.
3
SW
Switch Output. Connect using a wide PCB trace.
4
GND
System Ground. Reference ground of the regulated output voltage. Use special care in
PCB layout: Connect to GND with copper and vias.
5
BST
Bootstrap. Connect a capacitor between SW and BST pins to form a floating supply
across the high-side switch driver. A 10Ω resistor placed between SW and BST cap. is
strongly recommended to reduce SW spike voltage.
6
EN/SYNC
Enable/Synchronize. EN high to enable the MP1496. Apply an external clock to
EN/SYNC pin to change the switching frequency.
7
VCC
Bias Supply. Decouple with 0.1μF-to-0.22μF cap. The capacitance should not exceed
0.22μF. VCC capacitor should be put closely to VCC pin and GND pin.
8
FB
Feedback. Connect to the tap of an external resistor divider from the output to GND to set
the output voltage. The frequency fold-back comparator lowers the oscillator frequency
when the FB voltage is below 400mV to prevent current-limit runaway during a short-
circuit fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com