Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1907 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1907
Description  100V, 2.5A, High Frequency Half-bridge Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1907 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1907 Datasheet HTML 1Page - Monolithic Power Systems MP1907 Datasheet HTML 2Page - Monolithic Power Systems MP1907 Datasheet HTML 3Page - Monolithic Power Systems MP1907 Datasheet HTML 4Page - Monolithic Power Systems MP1907 Datasheet HTML 5Page - Monolithic Power Systems MP1907 Datasheet HTML 6Page - Monolithic Power Systems MP1907 Datasheet HTML 7Page - Monolithic Power Systems MP1907 Datasheet HTML 8Page - Monolithic Power Systems MP1907 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MP1907―100V, 2.5A, HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
MP1907 Rev. 1.1
www.MonolithicPower.com
2
11/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP1907GQ
QFN10 (3 x 3 mm)
ABN
* For Tape & Reel, add suffix –Z (e.g. MP1907GQ–Z);
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage (VDD).....................-0.3V to +20V
SW Voltage (VSW) .........................-5.0V to 105V
BST Voltage (VBST) .......................-0.3V to 110V
BST to SW ....................................-0.3V to +18V
DRVH to SW.............. -0.3V to (BST-SW) +0.3V
DRVL to VSS ...................... -0.3V to (VDD+0.3V)
All Other Pins..................................-0.3V to 20V
Continuous Power Dissipation
(TA =+25°C)
(2)
QFN10 (3x3) .............................................. 2.5W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -65°C to +150
°C
Recommended Operating Conditions
(3)
Supply Voltage (VDD)................. +4.5V to 18V
(4)
SW Voltage (VSW) .........................-1.0V to 100V
SW slew rate......................................<50V/nsec
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(5)
θJA
θJC
QFN10 (3x3)........................... 50 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) 4.5V is only a typical value for minimum supply voltage at VDD
falling
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com