Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9753ASTZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9753ASTZ
Description  12-Bit, 300 MSPS High Speed TxDAC D/A Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9753ASTZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9753ASTZ Datasheet HTML 14Page - Analog Devices AD9753ASTZ Datasheet HTML 15Page - Analog Devices AD9753ASTZ Datasheet HTML 16Page - Analog Devices AD9753ASTZ Datasheet HTML 17Page - Analog Devices AD9753ASTZ Datasheet HTML 18Page - Analog Devices AD9753ASTZ Datasheet HTML 19Page - Analog Devices AD9753ASTZ Datasheet HTML 20Page - Analog Devices AD9753ASTZ Datasheet HTML 21Page - Analog Devices AD9753ASTZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
REV. B
–18–
AD9753
This is referred to as the Power Supply Rejection Ratio. For dc
variations of the power supply, the resulting performance of the
DAC directly corresponds to a gain error associated with the
DAC’s full-scale current, IOUTFS. AC noise on the dc supplies is
common in applications where the power distribution is gener-
ated by a switching power supply. Typically, switching power
supply noise will occur over the spectrum from tens of kHz to
several MHz. The PSRR versus the frequency of the AD9753
AVDD supply over this frequency range is shown in Figure 25.
FREQUENCY (MHz)
85
40
12
6
0
80
75
70
65
60
55
50
45
24
8
10
Figure 25. Power Supply Rejection Ratio
Note that the units in Figure 25 are given in units of (amps out/
volts in). Noise on the analog power supply has the effect of
modulating the internal switches, and therefore the output
current. The voltage noise on AVDD will thus be added in a
nonlinear manner to the desired IOUT. Due to the relative
different size of these switches, PSRR is very code-dependent.
This can produce a mixing effect that can modulate low fre-
quency power supply noise to higher frequencies. Worst-case
PSRR for either one of the differential DAC outputs will occur
when the full-scale current is directed toward that output. As a
result, the PSRR measurement in Figure 25 represents a worst-
case condition in which the digital inputs remain static and the
full-scale output current of 20 mA is directed to the DAC out-
put being measured.
An example serves to illustrate the effect of supply noise on the
analog supply. Suppose a switching regulator with a switching
frequency of 250 kHz produces 10 mV rms of noise and, for
simplicity sake (i.e., ignore harmonics), all of this noise is con-
centrated at 250 kHz. To calculate how much of this undesired
noise will appear as current noise superimposed on the DAC’s
full-scale current, IOUTFS, one must determine the PSRR in dB
using Figure 25 at 250 kHz. To calculate the PSRR for a given
RLOAD, such that the units of PSRR are converted from A/V to
V/V, adjust the curve in Figure 25 by the scaling factor 20
× Log
(RLOAD ). For instance, if RLOAD is 50
Ω, the PSRR is reduced
by 34 dB, i.e., PSRR of the DAC at 250 kHz, which is 85 dB in
Figure 25, becomes 51 dB VOUT/VIN.
Proper grounding and decoupling should be a primary objective
in any high speed, high resolution system. The AD9753 features
separate analog and digital supply and ground pins to optimize
the management of analog and digital ground currents in a system.
In general, AVDD, the analog supply, should be decoupled to
ACOM, the analog common, as close to the chip as physically
possible. Similarly, DVDD, the digital supply, should be
decoupled to DCOM as close to the chip as physically possible.
For those applications that require a single 3.3 V supply for
both the analog and digital supplies, a clean analog supply may
be generated using the circuit shown in Figure 26. The circuit
consists of a differential LC filter with separate power supply
and return lines. Lower noise can be attained by using low ESR
type electrolytic and tantalum capacitors.
AVDD
ACOM
100 F
ELECT.
10 F
TANT.
0.1 F
CER.
TTL/CMOS
LOGIC
CIRCUITS
3.3V
POWER SUPPLY
FERRITE
BEADS
Figure 26. Differential LC Filter for a Single 3.3 V Application
APPLICATIONS
QAM/PSK Synthesis
Quadrature modulation (QAM or PSK) consists of two base-
band PAM (Pulse Amplitude Modulated) data channels. Both
channels are modulated by a common frequency carrier. How-
ever, the carriers for each channel are phase-shifted 90
° from
each other. This orthogonality allows twice the spectral efficiency
(data for a given bandwidth) of digital data transmitted via AM.
Receivers can be designed to selectively choose the “in phase” and
“quadrature” carriers, and then recombine the data. The recombi-
nation of the QAM data can be mapped as points representing
digital words in a two dimensional constellation as shown in
Figure 27. Each point, or symbol, represents the transmission of
multiple bits in one symbol period.
0100
0101
0001
0000
0110
0111
0011
0010
1110
1111
1011
1010
1100
1101
1001
1000
Figure 27. 16 QAM Constellation, Gray Coded (Two
4-Level PAM Signals with Orthogonal Carriers)
Typically, the I and Q data channels are quadrature-modulated
in the digital domain. The high data rate of the AD9753 allows
extremely wideband (>10 MHz) quadrature carriers to be syn-
thesized. Figure 28 shows an example of a 25 MSymbol/S QAM
signal, oversampled by 8 at a data rate of 200 MSPS, modu-
lated onto a 25 MHz carrier and reconstructed using the
AD9753. The power in the reconstructed signal is measured
to be –11.92 dBm. In the first adjacent band, the power is
–76.86 dBm, while in the second adjacent band, the power is
–80.96 dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com