Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9753AST Datasheet(PDF) 16 Page - Analog Devices

Part # AD9753AST
Description  12-Bit, 300 MSPS High Speed TxDAC D/A Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9753AST Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9753AST Datasheet HTML 12Page - Analog Devices AD9753AST Datasheet HTML 13Page - Analog Devices AD9753AST Datasheet HTML 14Page - Analog Devices AD9753AST Datasheet HTML 15Page - Analog Devices AD9753AST Datasheet HTML 16Page - Analog Devices AD9753AST Datasheet HTML 17Page - Analog Devices AD9753AST Datasheet HTML 18Page - Analog Devices AD9753AST Datasheet HTML 19Page - Analog Devices AD9753AST Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
REV. B
–16–
AD9753
and is insensitive to fCLOCK. Conversely, IDVDD is dependent on
both the digital input waveform, fCLOCK, and digital supply,
DVDD. Figure 18 shows IDVDD as a function of the ratio (fOUT/
fDAC) for various update rates. In addition, Figure 19 shows the
effect that the speed of fDAC has on the PLLVDD current, given
the PLL divider ratio.
IOUTFS (mA)
40
20
0
20.0
10.0
0
35
10
30
25
15
5
2.5
5.0
7.5
12.5
15.0
17.5
Figure 17. IAVDD vs. IOUTFS
RATIO
(fOUT /fDAC
20
16
0
1
0.01
0.001
18
14
12
10
8
6
4
2
0.1
300MSPS
200MSPS
100MSPS
50MSPS
25MSPS
)
Figure 18. IDVDD vs. fOUT/fDAC Ratio
fDAC (MHz)
10
0
300
150
0
9
8
7
6
5
4
3
2
50
100
200
250
1
175
25
75
125
225
275
DIV SETTING 00
DIV SETTING 11
DIV SETTING 10
DIV SETTING 01
Figure 19. PLLVDD vs. fDAC
APPLYING THE AD9753
OUTPUT CONFIGURATIONS
The following sections illustrate some typical output configura-
tions for the AD9753. Unless otherwise noted, it is assumed
that IOUTFS is set to a nominal 20 mA. For applications requir-
ing the optimum dynamic performance, a differential output
configuration is suggested. A differential output configuration
may consist of either an RF transformer or a differential op amp
configuration. The transformer configuration provides the opti-
mum high frequency performance and is recommended for any
application allowing for ac coupling. The differential op amp
configuration is suitable for applications requiring dc coupling,
a bipolar output, signal gain, and/or level shifting, within the
bandwidth of the chosen op amp.
A single-ended output is suitable for applications requiring a
unipolar voltage output. A positive unipolar output voltage will
result if IOUTA and/or IOUTB is connected to an appropriately
sized load resistor, RLOAD, referred to ACOM. This configu-
ration may be more suitable for a single-supply system requiring
a dc-coupled, ground referred output voltage. Alternatively, an
amplifier could be configured as an I-V converter, thus con-
verting IOUTA or IOUTB into a negative unipolar voltage. This
configuration provides the best dc linearity since IOUTA or IOUTB
is maintained at a virtual ground. Note that IOUTA provides
slightly better performance than IOUTB.
DIFFERENTIAL COUPLING USING A TRANSFORMER
An RF transformer can be used to perform a differential-to-
single-ended signal conversion, as shown in Figure 20. A
differentially-coupled transformer output provides the optimum
distortion performance for output signals whose spectral content
lies within the transformer’s pass band. An RF transformer such
as the Mini-Circuits T1-1T provides excellent rejection of
common-mode distortion (i.e., even-order harmonics) and noise
over a wide frequency range. When IOUTA and IOUTB are termi-
nated to ground with 50
Ω, this configuration provides 0 dBm
power to a 50
Ω load on the secondary with a DAC full-scale
current of 20 mA. A 2:1 transformer, such as the Coilcraft
WB2040-PC, can also be used in a configuration in which IOUTA
and IOUTB are terminated to ground with 75
Ω. This configura-
tion improves load matching and increases power to 2 dBm into
a 50
Ω load on the secondary. Transformers with different imped-
ance ratios may also be used for impedance matching purposes.
Note that the transformer provides ac coupling only.
RLOAD
AD9753
MINI-CIRCUITS
T1-1T
IOUTA
IOUTB
Figure 20. Differential Output Using a Transformer
The center tap on the primary side of the transformer must
be connected to ACOM to provide the necessary dc current
path for both IOUTA and IOUTB. The complementary voltages
appearing at IOUTA and IOUTB (i.e., VOUTA and VOUTB) swing
symmetrically around ACOM and should be maintained with
the specified output compliance range of the AD9753. A differ-
ential resistor, RDIFF, may be inserted in applications where the
output of the transformer is connected to the load, RLOAD, via a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com