Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2040DU Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2040DU
Description  Fast Transient Response, 3A Dual Supply Very Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2040DU Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2040DU Datasheet HTML 1Page - Monolithic Power Systems MP2040DU Datasheet HTML 2Page - Monolithic Power Systems MP2040DU Datasheet HTML 3Page - Monolithic Power Systems MP2040DU Datasheet HTML 4Page - Monolithic Power Systems MP2040DU Datasheet HTML 5Page - Monolithic Power Systems MP2040DU Datasheet HTML 6Page - Monolithic Power Systems MP2040DU Datasheet HTML 7Page - Monolithic Power Systems MP2040DU Datasheet HTML 8Page - Monolithic Power Systems MP2040DU Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP2040 –FAST TRANSIENT RESPONSE, 3A VERY LOW DROPOUT LINEAR REGULATOR
MP2040 Rev.1.0
www.MonolithicPower.com
2
9/21/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature (TA)
MP2040DQ*
3x3 QFN10
7D
-40
°C to +85°C
MP2040DU**
5x5 QFN32
MP2040DU
-40
°C to +85°C
*
For Tape & Reel, add suffix –Z (e.g. MP2040DQ–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP2040DQ–LF–Z)
** For Tape & Reel, add suffix –Z (e.g. MP2040DU–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP2040DU–LF–Z)
PACKAGE REFERENCE
TOP VIEW
VIN
VIN
BIAS
PGOOD
GND
1
2
3
4
5
VOUT
VOUT
FB
EN
BYPASS
10
9
8
7
6
EXPOSED PAD
ON BACKSIDE
TOP VIEW
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
N/C
VIN
VIN
VIN
VIN
BIAS
PGOOD
GND
N/C
VOUT
VOUT
VOUT
VOUT
FB
EN
BYPASS
N/C N/C N/C N/C N/C N/C N/C N/C
N/C N/C N/C N/C N/C N/C N/C N/C
910
11
12
13
14
15
16
32
31
30
29
28
27
26
25
EXPOSED PAD
ON BACKSIDE
3x3 QFN10
5x5 QFN32
ABSOLUTE MAXIMUM RATINGS
(1)
VBIAS, VIN to GND.............................-0.3V to +6V
FB, EN, to GND ................................-0.3V to 6V
VOUT................................-0.3V to VIN + 0.3 or 6V
PGOOD ......................-0.3V to VBIAS + 0.3 or 6V
BYPASS ......................-0.3V to VBIAS +0.3 or 6V
Continuous Power Dissipation (TA = +25°C)
(2)
QFN10 3X3................................................ 2.5W
QFN32 5X5.............................................. 3.47W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature .............. -65°C to +150
°C
Recommended Operating Conditions
(3)
Input Voltage VIN .............................1.1V to 5.5V
Input Voltage VBIAS ..........................3.3V to 5.5V
Output Voltage................................0.9V to 3.3V
Load Current...............................3.0A Maximum
Operating Junct. Temp (TJ)...... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN10 3X3… ......................... 50……12
°C/W
QFN32 5X5… ......................... 36….…8
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com