Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4665-2ARZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4665-2ARZ-R7
Description  16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4665-2ARZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4665-2ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4665-2ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4665-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4665-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4665-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4665-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4665-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4665-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4665-2ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADA4665-2
Rev. 0 | Page 4 of
20
ELECTRICAL CHARACTERISTICS—5 V OPERATION
VSY = 5 V, VCM = VSY/2, TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = 5 V
1
4
mV
VCM = 0 V to 5 V
1
6
mV
−40°C ≤ TA ≤ +125°C
9
mV
Offset Voltage Drift
∆VOS/∆T
−40°C ≤ TA ≤ +125°C
3
μV/°C
Input Bias Current
IB
0.1
1
pA
−40°C ≤ TA ≤ +125°C
100
pA
Input Offset Current
IOS
0.1
1
pA
−40°C ≤ TA ≤ +125°C
10
pA
Input Voltage Range
−40°C ≤ TA ≤ +125°C
0
5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 5 V
55
75
dB
−40°C ≤ TA ≤ +125°C
50
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = 0.5 V to 4.5 V
85
100
dB
−40°C ≤ TA ≤ +125°C
75
dB
Input Resistance
RIN
1
Input Capacitance, Differential Mode
CINDM
2
pF
Input Capacitance, Common Mode
CINCM
7
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 kΩ to VCM
4.95
4.99
V
−40°C ≤ TA ≤ +125°C
4.9
V
RL = 10 kΩ to VCM
4.9
4.96
V
−40°C ≤ TA ≤ +125°C
4.8
V
Output Voltage Low
VOL
RL = 100 kΩ to VCM
3
5
mV
−40°C ≤ TA ≤ +125°C
10
mV
RL = 10 kΩ to VCM
30
50
mV
−40°C ≤ TA ≤ +125°C
100
mV
Short-Circuit Current
ISC
±8
mA
Closed-Loop Output Impedance
ZOUT
f = 100 kHz, AV = 1
100
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 5 V to 16 V
70
95
dB
−40°C ≤ TA ≤ +125°C
65
dB
Supply Current per Amplifier
ISY
IO = 0 mA
270
350
μA
−40°C ≤ TA ≤ +125°C
600
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ, CL = 50 pF, AV = 1
1
V/μs
Settling Time to 0.1%
tS
VIN = 1 V step, RL = 2 kΩ, CL = 50 pF
6.5
μs
Gain Bandwidth Product
GBP
RL = 10 kΩ, CL = 50 pF, AV = 1
1.2
MHz
Phase Margin
ΦM
RL = 10 kΩ, CL = 50 pF, AV = 1
50
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
f = 0.1 Hz to 10 Hz
3
μV p-p
Voltage Noise Density
en
f = 1 kHz
32
nV/√Hz
f = 10 kHz
27
nV/√Hz
Current Noise Density
in
f = 1 kHz
50
fA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com