Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4665-2ARMZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4665-2ARMZ-R7
Description  16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4665-2ARMZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4665-2ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADA4665-2
Rev. 0 | Page 5 of
20
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 5.
Parameter
Rating
Supply Voltage
16.5 V
Input Voltage1
GND − 0.3 V to VSY + 0.3 V
Input Current
±10 mA
Differential Input Voltage
±VSY
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages. This
value was measured using a 4-layer JEDEC standard printed
circuit board.
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead SOIC_N (R-8)
158
43
°C/W
8-Lead MSOP (RM-8)
186
52
°C/W
ESD CAUTION
1 The input pins have clamp diodes to the power supply pins.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com