Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN8831ACPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADN8831ACPZ-R2
Description  Thermoelectric Cooler (TEC) Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8831ACPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADN8831ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADN8831
Data Sheet
Rev. A | Page 16 of 20
–15
5
25
45
0
2.5
65
0.5
1.0
1.5
2.0
TEMPERATURE(°C)
Figure 18. VOUT1 vs. Temperature
PID COMPENSATION AMPLIFIER (Chop2)
Use the Chop2 amplifier as the PID compensation amplifier.
The voltage at OUT1 feeds into the PID compensation amplifier.
The frequency response of the PID compensation amplifier is
dictated by the compensation network. Apply the temperature
set voltage at IN2P. In Figure 17, the voltage at OUT2 is calcu-
lated using the following equation:
)
(
TEMPSET
OUT1
TEMPSET
OUT2
V
V
Z1
Z2
V
V
The user sets the exact compensation network. This network
varies from a simple integrator to PI, PID, or any other type of
network. The user also determines the type of compensation
and component values because they are dependent on the thermal
response of the object and the TEC. One method for empirically
determining these values is to input a step function to IN2P,
therefore changing the target temperature, and adjusting the
compensation network to minimize the settling time of the TEC
temperature.
A typical compensation network for temperature control of
a laser module is a PID loop consisting of a very low frequency
pole and two separate zeros at higher frequencies. Figure 19
shows a simple network for implementing PID compensation.
To reduce the noise sensitivity of the control loop, an additional
pole is added at a higher frequency than the zeros. The bode
plot of the magnitude is shown in Figure 20. The unity-gain
crossover frequency of the feedforward amplifier is calculated
using the following equation:
TECGAIN
R3C1
f
80
2
1
dB
0
To ensure stability, the unity-gain crossover frequency is to be
lower than the thermal time constant of the TEC and thermistor.
However, this thermal time constant is sometimes unspecified
making it difficult to characterize. There are many texts written
on loop stabilization, and it is beyond the scope of this data
sheet to discuss all methods and trade offs in optimizing
compensation networks.
ADN8831
CHOP2
IN2P
IN2N
4
7
6
OUT1
OUT2
5
C1
CF
C2
R2
R3
VTEMPSET
R1
Figure 19. Implementing a PID Compensation Loop
FREQUENCY (Hz Log Scale)
0dB
1
2πR3C1
R1
R3
1
2πR3C2
1
2πR1C1
1
2πC2 (R2 + R3)
R1
R2 || R3
Figure 20. Bode Plot for PID Compensation
With an ADN8831-EVALZ board, AN-695, an application note
shows how to determine the PID network components for a
stable TEC subsystem performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com