Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA226AIDGST Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA226AIDGST
Description  High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA226AIDGST Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA226AIDGST Datasheet HTML 12Page - Texas Instruments INA226AIDGST Datasheet HTML 13Page - Texas Instruments INA226AIDGST Datasheet HTML 14Page - Texas Instruments INA226AIDGST Datasheet HTML 15Page - Texas Instruments INA226AIDGST Datasheet HTML 16Page - Texas Instruments INA226AIDGST Datasheet HTML 17Page - Texas Instruments INA226AIDGST Datasheet HTML 18Page - Texas Instruments INA226AIDGST Datasheet HTML 19Page - Texas Instruments INA226AIDGST Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Current
BusVoltage
20,000
·
Power =
Corrected_Full_Scale_Cal = trunc
Cal
MeasShuntCurrent
INA226_Current
´
INA226
SBOS547
– JUNE 2011
www.ti.com
The Power Register (03h) is then be calculated by multiplying the decimal value of the Current Register, 10000,
by the decimal value of the Bus Voltage Register, 9584, and then dividing by 20,000, as defined in Equation 4.
For this example, the result for the Power Register is 12B8h, or a decimal equivalent of 4792. Multiplying this
result by the power LSB (25 times the [1
× 10–3 Current LSB]) results in a power calculation of (4792 ×
25mW/bit), or 119.82W. The power LSB has a fixed ratio to the current LSB of 25W/bit to 1A/bit. For this
example, a programmed 1mA/bit current LSB results in a power LSB of 25mW/bit. This ratio is internally
programmed to ensure that the scaling of the power calculation is within an acceptable range. A manual
calculation for the power being delivered to the load would use a bus voltage of 11.98V (12VCM – 20mV shunt
drop) multiplied by the load current of 10A to give a result of 119.8W.
(4)
Table 1 shows the steps for configuring, measuring, and calculating the values for current and power for this
device.
Table 1. Configure/Measure/Calculate Example(1)
STEP #
REGISTER NAME
ADDRESS
CONTENTS
DEC
LSB
VALUE
Step 1
Configuration
00h
4127h
Step 2
Shunt
01h
1F40h
8000
2.5
µV
20mV
Step 3
Bus
02h
2570h
9584
1.25mV
11.98V
Step 4
Calibration
05h
A00h
2560
Step 5
Current
04h
2710
10000
1mA
10A
Step 6
Power
03h
12B8h
4792
25mW
119.82W
(1)
Conditions: Load = 10A, VCM = 12V, RSHUNT = 2mΩ, and VBUS = 12V.
PROGRAMMING THE INA226 POWER MEASUREMENT ENGINE
Calibration Register and Scaling
The Calibration Register makes it possible to set the scaling of the Current and Power Registers to whatever
values are most useful for a given application. One strategy may be to set the Calibration Register such that the
largest possible number is generated in the Current Register or Power Register at the expected full-scale point.
This approach would yield the highest resolution based using the previously calculated minimum current LSB in
the equation for the Calibration Register. The Calibration Register can also be selected to provide values in the
Current and Power Registers that either provide direct decimal equivalents of the values being measured, or
yield a round LSB value for each corresponding register. After these choices have been made, the Calibration
Register also offers possibilities for end user system-level calibration. By physically measuring the current with
an external ammeter, the exact current is known. The value of the Calibration Register can then be adjusted
based on the measured current result of the INA226 to cancel the total system error as shown in Equation 5.
(5)
16
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): INA226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com