Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7140FCC Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7140FCC
Description  4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7140FCC Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7140FCC Datasheet HTML 9Page - Texas Instruments ISO7140FCC Datasheet HTML 10Page - Texas Instruments ISO7140FCC Datasheet HTML 11Page - Texas Instruments ISO7140FCC Datasheet HTML 12Page - Texas Instruments ISO7140FCC Datasheet HTML 13Page - Texas Instruments ISO7140FCC Datasheet HTML 14Page - Texas Instruments ISO7140FCC Datasheet HTML 15Page - Texas Instruments ISO7140FCC Datasheet HTML 16Page - Texas Instruments ISO7140FCC Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
0
100
200
300
400
350
450
500
0
50
100
150
200
Case Temperature – C
o
150
250
50
V
CC1 = VCC2 = 5.5V
V
CC1 = VCC2 = 3.6V
V
CC1 = VCC2 = 2.7V
ISO7131CC, ISO7140CC, ISO7140FCC
ISO7141CC, ISO7141FCC
www.ti.com
SLLSE83E – APRIL 2013 – REVISED SEPTEMBER 2013
REGULATORY INFORMATION
VDE
UL
CSA
CQC
Certified according to DIN EN
Recognized under 1577
Approved under CSA Component Certified according to GB 4943.1-
60747-5-2
Component Recognition Program Acceptance Notice
2011 and GB 8898:2011
Reinforced Insulation per CSA
60950-1-03 and IEC 60950-1
(2nd Ed.), 150 VRMS maximum
working voltage
Basic Insulation
Basic Insulation per CSA 60950-
Maximum Transient Overvoltage,
Basic Insulation, Altitude
≤
1-03 and IEC 60950-1 (2nd Ed.),
4242 VPK
Single protection, 2500 VRMS
(1)
5000m, Tropical Climate, 250
380 VRMS maximum working
Maximum Working Voltage, 566
VRMS maximum working voltage
voltage
VPK
Reinforced Insulation per CSA
61010-1-04 and IEC 61010-1
(2nd Edition), 150 VRMS
maximum working voltage
File number: 220991 (approval
File number: 40016131
File number: E181974
Report Number: Pending
pending)
(1)
Production tested
≥ 3000 Vrms for 1 second in accordance with UL 1577.
IEC SAFETY LIMITING VALUES
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry.
A failure of the IO can allow low resistance to ground or the supply and, without current limiting, dissipate
sufficient power to overheat the die and damage the isolation barrier, potentially leading to secondary system
failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θJA = 104.5°C/W, VI = 5.5V, TJ = 150°C, TA = 25°C
217
Safety input, output, or supply
IS
DBQ-16
θJA = 104.5°C/W, VI = 3.6V, TJ = 150°C, TA = 25°C
332
mA
current
θJA = 104.5°C/W, VI = 2.7V, TJ = 150°C, TA = 25°C
443
TS
Maximum case temperature
150
°C
The safety-limiting constraint is the absolute-maximum junction temperature specified in the Absolute Maximum
Ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The assumed junction-to-air thermal resistance in the
Thermal Information table is that of a device installed on a high-K test board for leaded surface-mount packages.
The power is the recommended maximum input voltage times the current. The junction temperature is then the
ambient temperature plus the power times the junction-to-air thermal resistance.
Figure 5. DBQ-16
θJC Thermal Derating Curve
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com