Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV601JS Datasheet(PDF) 16 Page - Analog Devices

Part # ADV601JS
Description  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601JS Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV601JS Datasheet HTML 12Page - Analog Devices ADV601JS Datasheet HTML 13Page - Analog Devices ADV601JS Datasheet HTML 14Page - Analog Devices ADV601JS Datasheet HTML 15Page - Analog Devices ADV601JS Datasheet HTML 16Page - Analog Devices ADV601JS Datasheet HTML 17Page - Analog Devices ADV601JS Datasheet HTML 18Page - Analog Devices ADV601JS Datasheet HTML 19Page - Analog Devices ADV601JS Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
ADV601
–16–
REV. 0
PIN FUNCTION DESCRIPTIONS
Clock Pins
Name
Pins
I/O
Description
VCLK/XTAL
2
I
A single clock (VCLK) or crystal input (across VCLK and XTAL). Acceptable 50%
duty cycle clock signals are as follows:
24.54 MHz (Square Pixel NTSC)
27 MHz (CCIR601 NTSC/PAL)
29.5 MHz (Square Pixel PAL)
If using a clock crystal, use a parallel resonant, microprocessor grade clock crystal. If
using a clock input, use a TTL level input, 50% duty cycle clock with 1 ns (or less)
jitter (measured rising edge to rising edge). Slowly varying, low jitter clocks are
acceptable; up to 5% frequency variation in 0.5 sec.
VCLKO
1
O
VCLK Output or VCLK Output divided by two. Select function using Mode
Control register.
Video Interface Pins
Name
Pins
I/O
Description
VSYNC
1
I or O
Vertical Sync or Vertical Blank. This pin can be either an output (Master Mode) or
an input (Slave Mode). The pin operates as follows:
Output (Master) HI during inactive lines of video and LO otherwise
Input (Slave) a HI on this input indicates inactive lines of video
HSYNC
1
I or O
Horizontal Sync or Horizontal Blank. This pin can be either an output (Master
Mode) or an input (Slave Mode). The pin operates as follows:
Output (Master) HI during inactive portion of video line and LO otherwise
Input (Slave) a HI on this input indicates inactive portion of video line
Note that the polarity of this signal is modified using the Mode Control register. For
detailed timing information, see the Video Interface section.
FIELD
1
I or O
Field # or Frame Sync. This pin can be either an output (Master Mode) or an input
(Slave Mode). The pin operates as follows:
Output (Master) HI during Field1 lines of video and LO otherwise
Input (Slave) a HI on this input indicates Field1 lines of video
ENC
1
O
Encode or Decode. This output pin indicates the coding mode of the ADV601 and
operates as follows:
LO Decode Mode (Video Interface is output)
HI Encode Mode (Video Interface is input)
Note that this pin can be used to control bus enable pins for devices connected to
the ADV601 Video Interface.
VDATA[19:0]
20
I/O
4:2:2 Video Data (8-, 10-, or 12-bit digital component video data). These pins are
inputs during encode mode and outputs during decode mode. When outputs (de-
code) these pins are compatible with 50 pF loads (rather than 30 pF as all other
busses) to meet the high performance and large number of typical loads on this bus.
The performance of these pins varies with the Video Interface Mode set in the
Mode Control register, see the Video Interface section of this data sheet for pin
assignments in each mode.
Note that the Mode Control register also sets whether the color component is
treated as either signed or unsigned.
CREF
1
I/O
Clock Reference pin for Philips Interface (VCLK qualifier)—This pin can be either
an output (Master Mode) or an input (Slave Mode). The pin operates as follows:
Output (Master) HI to qualify VCLK during VCLK phases containing valid de-
multiplexed digital video and LO otherwise
Input (Slave) a HI on this input qualifies VCLK during VCLK phases containing
valid de-multiplexed digital video.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com