Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3445M Datasheet(PDF) 26 Page - Texas Instruments

Part # LM3445M
Description  Triac Dimmable Offline LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3445M Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM3445M Datasheet HTML 22Page - Texas Instruments LM3445M Datasheet HTML 23Page - Texas Instruments LM3445M Datasheet HTML 24Page - Texas Instruments LM3445M Datasheet HTML 25Page - Texas Instruments LM3445M Datasheet HTML 26Page - Texas Instruments LM3445M Datasheet HTML 27Page - Texas Instruments LM3445M Datasheet HTML 28Page - Texas Instruments LM3445M Datasheet HTML 29Page - Texas Instruments LM3445M Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
VDS(MAX) = VAC-RMS(MAX) 2
t
VPEAK
V+
VDC
t
VPEAK
V+
VDC
VDC
t
V
PEAK
V
+
θ = 90°
t
θ = 45°
V
PEAK
V
+
V
+
t
V
PEAK
θ = 135°
LM3445
SNVS570L – JANUARY 2009 – REVISED MAY 2013
www.ti.com
Figure 31. AC Line with Various Firing Angles
Figure 32. VBUCK Waveforms with Various Firing Angles
To determine how many LEDs can be driven, take the minimum voltage the buck converter will see (42.5V) and
divide it by the worst case forward voltage drop of a single LED.
Example: 42.5V/3.7V = 11.5 LEDs (11 LEDs with margin)
OUTPUT CAPACITOR
A capacitor placed in parallel with the LED or array of LEDs can be used to reduce the LED current ripple while
keeping the same average current through both the inductor and the LED array. With a buck topology the output
inductance (L2) can now be lowered, making the magnetics smaller and less expensive. With a well designed
converter, you can assume that all of the ripple will be seen by the capacitor, and not the LEDs. One must
ensure that the capacitor you choose can handle the RMS current of the inductor. Refer to manufacture’s
datasheets to ensure compliance. Usually an X5R or X7R capacitor between 1 µF and 10 µF of the proper
voltage rating will be sufficient.
SWITCHING MOSFET
The main switching MOSFET should be chosen with efficiency and robustness in mind. The maximum voltage
across the switching MOSFET will equal:
(31)
The average current rating should be greater than:
IDS-MAX = ILED(-AVE)(DMAX)
(32)
26
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com