Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74V2T126 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V2T126
Description  DUAL BUS BUFFER (3-STATE)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2T126 Datasheet(HTML) 1 Page - STMicroelectronics

  74V2T126 Datasheet HTML 1Page - STMicroelectronics 74V2T126 Datasheet HTML 2Page - STMicroelectronics 74V2T126 Datasheet HTML 3Page - STMicroelectronics 74V2T126 Datasheet HTML 4Page - STMicroelectronics 74V2T126 Datasheet HTML 5Page - STMicroelectronics 74V2T126 Datasheet HTML 6Page - STMicroelectronics 74V2T126 Datasheet HTML 7Page - STMicroelectronics 74V2T126 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
June 2003
s
HIGH SPEED: tPD = 3.8ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA =25°C
s
COMPATIBLE WITH TTL OUTPUTS:
VIH =2V (MIN), VIL =0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =8mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 4.5V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V2T126 is an advanced high-speed CMOS
DUAL BUS BUFFER fabricated with sub-micron
silicon gate and double-layer metal wiring C2MOS
technology.
3-STATE control input nG has to be set LOW to
place the output into the high impedance state.
Power down protection is provided on all inputs
and outputs and 0 to 7V can be accepted on
inputs with no regard to the supply voltage. This
device can be used to interface 3V to 5V systems
and it is ideal for portable applications like
personal digital assistant, camcorder and all
battery-powered equipment.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them ESD immunity and transient excess voltage.
74V2T126
DUAL BUS BUFFER (3-STATE)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-8L
74V2T126STR
SOT23-8L
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - 74V2T126

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2T126 STMICROELECTRONICS-74V2T126 Datasheet
150Kb / 8P
DUAL BUS BUFFER (3-STATE)
Jun-2003
More results

Similar Description - 74V2T126

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2T126 STMICROELECTRONICS-74V2T126 Datasheet
150Kb / 8P
DUAL BUS BUFFER (3-STATE)
Jun-2003
74V2G125 STMICROELECTRONICS-74V2G125 Datasheet
157Kb / 9P
DUAL BUS BUFFER (3-STATE)
Jun-2003
74V2T125 STMICROELECTRONICS-74V2T125 Datasheet
221Kb / 10P
DUAL BUS BUFFER (3-STATE)
Dec-2001
74V2G126 STMICROELECTRONICS-74V2G126 Datasheet
88Kb / 11P
DUAL BUS BUFFER (3-STATE)
Nov-2001
logo
Renesas Technology Corp
HD74LV2G126A RENESAS-HD74LV2G126A Datasheet
90Kb / 10P
Dual Bus Buffer with 3-state Output
logo
NXP Semiconductors
74LVC2G125 NXP-74LVC2G125 Datasheet
92Kb / 16P
Dual bus buffer/line driver; 3-state
Rev. 08-7 September 2007
logo
STMicroelectronics
74V2G126 STMICROELECTRONICS-74V2G126_03 Datasheet
160Kb / 9P
DUAL BUS BUFFER (3-STATE)
Jun-2003
74V2T125 STMICROELECTRONICS-74V2T125_03 Datasheet
155Kb / 8P
DUAL BUS BUFFER (3-STATE)
Jun-2003
logo
Toshiba Semiconductor
TC7WG126FK TOSHIBA-TC7WG126FK_09 Datasheet
210Kb / 9P
Dual Bus Buffer with 3-STATE Output
logo
Renesas Technology Corp
HD74ALVC2G125 RENESAS-HD74ALVC2G125_15 Datasheet
130Kb / 15P
Dual Bus Buffer with 3-state Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com