Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4949ED Datasheet(PDF) 8 Page - STMicroelectronics

Part # L4949ED
Description  Multifunction very low drop voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4949ED Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L4949ED Datasheet HTML 4Page - STMicroelectronics L4949ED Datasheet HTML 5Page - STMicroelectronics L4949ED Datasheet HTML 6Page - STMicroelectronics L4949ED Datasheet HTML 7Page - STMicroelectronics L4949ED Datasheet HTML 8Page - STMicroelectronics L4949ED Datasheet HTML 9Page - STMicroelectronics L4949ED Datasheet HTML 10Page - STMicroelectronics L4949ED Datasheet HTML 11Page - STMicroelectronics L4949ED Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical specifications
L4949E
8/19
Doc ID 4275 Rev 6
2.3
Electrical characteristics
VS = 14 V; -40 °C < Tj < 125 °C unless otherwise specified
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25 °C; IO = 1 mA
4.95
5
5.05
V
VO
Output voltage
6 V < VIN < 28 V, 1 mA < IO < 50 mA
4.90
5
5.10
V
VO
Output voltage
VIN = 40 V;
T < 1s; 5mA < IO < 100 mA
4.75
5.25
V
VDP
Dropout voltage
IO = 10 mA
IO = 50 mA
IO = 100 mA
0.1
0.2
0.3
0.25
0.4
0.5
V
V
V
VIO
Input to output voltage
difference in undervoltage
condition
VIN = 4 V, IO = 35 mA
0.4
V
Iouth
(1)
Max output leakage
VIN = 25 V, VO = 5.5 V
20
50
80
µA
VOL
Line regulation
6 V < VIN < 28 V; IO = 1 mA
20
mV
VOLO
Load regulation
1 mA < IO < 100 mA
30
mV
ILIM
Current limit
VO = 4.5 V
VO = 4.5 V; TJ = 25 °C
VO = 0 V
(2)
105
120
200
100
400
400
mA
mA
mA
IQSE
Quiescent current
IO = 0.3 mA; TJ < 100 °C
200
300
µA
IQ
Quiescent current
IO = 100 mA
5
mA
1.
With this test we guarantee that with no output current the output voltage will not exceed 5.5V
2.
Foldback characteristic
Table 6.
Reset
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VRT
Reset threshold voltage
VO -
0.5V
V
VRTH
Reset threshold hysteresis
50
100
200
mV
tRD
Reset pulse delay
CT = 100 nF; TR ≥ 100 µs
55
100
180
ms
VRL
Reset output low voltage
RRES = 10 KΩ to VO VS ≥ 1.5V
0.4
V
IRH
Reset output high leakage
current
VRES = 5 V
1
µA
VCTth
Delay comparator threshold
2
V
VCTth, hy
Delay comparator threshold
hysteresis
100
mV
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com